Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPA656 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA656
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 17Page - Texas Instruments OPA656 Datasheet HTML 18Page - Texas Instruments OPA656 Datasheet HTML 19Page - Texas Instruments OPA656 Datasheet HTML 20Page - Texas Instruments OPA656 Datasheet HTML 21Page - Texas Instruments OPA656 Datasheet HTML 22Page - Texas Instruments OPA656 Datasheet HTML 23Page - Texas Instruments OPA656 Datasheet HTML 24Page - Texas Instruments OPA656 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Closed-loop TIA Bandwidth (f-3dB)
24.00
MHz
Feedback Resistance (RF)
100.00
kOhm
Input Capacitance (CIN)
7.40
pF
Opamp Gain Bandwidth Product (GBP)
2678.14
MHz
Feedback Capacitance (CF)
0.092
pF
Calculator II
VO
+5 V
±5 V
+
±
RF
100 k
C1
2.2 pF
VBIAS
OPA818
Supply decoupling
not shown
CD
5 pF
C2
2.2 pF
CT
47 pF
CDIFF
0.5 pF
CCM
1.9 pF
OPA818's input differential and
common-mode capacitance
21
OPA818
www.ti.com
SBOS940A – MAY 2019 – REVISED MARCH 2020
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
9.2 Typical Applications
9.2.1 High Bandwidth, 100-kΩ Gain Transimpedance Design
The high GBWP and low input voltage and current noise for the OPA818 make it an excellent wideband
transimpedance amplifier for moderate to high transimpedance gains.
Figure 51. Wideband, High-Sensitivity, Transimpedance Amplifier
9.2.1.1 Design Requirements
Design a high-bandwidth, high-transimpedance-gain amplifier with the design requirements shown in Table 1.
Table 1. Design Requirements
TARGET BANDWIDTH (MHz)
TRANSIMPEDANCE GAIN (kΩ)
PHOTODIODE CAPACITANCE (pF)
24
100
5
9.2.1.2 Detailed Design Procedure
Designs that require high bandwidth from a large area detector with relatively high transimpedance gain benefit
from the low input voltage noise of the OPA818. This input voltage noise is peaked up over frequency by the
diode source capacitance, and can, in many cases, become the limiting factor to input sensitivity. Figure 51
shows the transimpedance circuit with the parameters as defined in Design Requirements. To use the Microsoft
Excel™ calculator available at What You Need To Know About Transimpedance Amplifiers – Part 1 to help with
the component selection, total input capacitance, CTOT, needs to be determined. CTOT is referred as CIN in the
calculator. CTOT is the sum of CD, CDIFF, and CCM which is 7.4 pF. Using this value of CTOT, and the targeted
closed-loop bandwidth (f–3dB) of 24 MHz and transimpedance gain of 100 kΩ results in a need for an amplifier
with approximately 2.68 GHz GBWP and a feedback capacitance (CF) of 0.092 pF as shown in Figure 52. These
results are for a Butterworth response with a Q = 0.707 and a phase margin of approximately 65° which
corresponds to 4.3% overshoot.
Figure 52. Results of Inputting Design Parameters in the TIA Calculator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com