Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS1523MLF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS1523MLF
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1523MLF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS1523MLF Datasheet HTML 2Page - Integrated Device Technology ICS1523MLF Datasheet HTML 3Page - Integrated Device Technology ICS1523MLF Datasheet HTML 4Page - Integrated Device Technology ICS1523MLF Datasheet HTML 5Page - Integrated Device Technology ICS1523MLF Datasheet HTML 6Page - Integrated Device Technology ICS1523MLF Datasheet HTML 7Page - Integrated Device Technology ICS1523MLF Datasheet HTML 8Page - Integrated Device Technology ICS1523MLF Datasheet HTML 9Page - Integrated Device Technology ICS1523MLF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS ICS1523 Z
6
Revision 052407
Integrated Device Technology, Inc.
Tech Support: www.idt.com/go/clockhelp
ICS1523
Section 4 Register Set Summary
Note 1: Double-buffered register. Working registers are loaded during software PLL reset. See 0x8.
Note 2: Double-buffered register. Working registers are loaded during software DPA reset. See 0x8.
Notes 3~8: See Section 5, “Register Set Details”
Reg.
Index
Name
Access
Bit Name
Bit#
Reset
Value
Description
Note
0x0
Input
Control
R / W
CPen
0
1
Charge Pump Enable
0=External Enable via COAST Pin, 1=Always Enabled
3
CP_Pol
1
0
COAST Pin Charge Pump Enable Polarity
0=Active High, 1=Active Low
3
Ref_Pol
2
0
External Reference Polarity
0=Positive Edge, 1=Negative Edge
Fbk_Pol
3
0
External Feedback Polarity
0=Positive Edge, 1=Negative Edge
Fbk_Sel
4
0
External Feedback Select
0=Internal Feedback, 1=External
Func_Sel
5
0
FUNC Pin Output Select (DPA delayed)
0=Recovered HSYNC, 1=Input HSYNC
EnPLS
6
1
Enable PLL Lock/Ref Status Output
0=Disable 1=Enable
4
EnRef
7
0
1=Enable Ref to Lock/Ref Output
4
0x1
Loop
Control
R / W
ICP0-2
0-2
0
ICP (Charge Pump Current)
Bit 2,1,0=(000 =1 uA, 001 = 2 uA, 010 = 4 uA, 011 = 8 uA,
100 = 16 uA, 101 = 32 uA, 110 = 64 uA, 111 = 128 uA
1, 6
Reserved
3
0
Reserved
VCOD0-1
4-5
0
VCO Divider Bit 5,4 =(00 = ÷2, 01=÷4, 10=÷8, 11=÷16)
1, 7
Reserved
6-7
0
Reserved
0x2
FdBk Div 0
R / W
FBD0-7
0-7
FF
Feedback Divider LSBs (Bit 7, 6, 5, 4, 3, 2, 1, 0)
Actual # of clocks = Programmed value + 8
1
0x3
FdBk Div 1
R / W
FBD8-11
0-3
F
Feedback Divider MSBs (Bit 11, 10, 9, 8)
1
Reserved
4-7
0
Reserved
0x4
DPA Offset
R / W
DPA_OS0-5
0-5
0
Dynamic Phase Aligner Offset
Bit 5, 4, 3, 2, 1, 0 = (MUST be < total # of DPA elements)
8
Reserved
6
0
Reserved
Fil_Sel
7
0
Loop Filter Select (0=External, 1=Internal)
6
0x5
DPA
Control
R / W
DPA_Res0-1
0-1
3
DPA Resolution, Total # of delay elements
Bit 1, 0 = (00 = 16, 01 = 32, 10 = Reserved, 11 = 64)
2, 8
Metal_Rev
2-7
0
Metal Mask Revision Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com