Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S-8821 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8821
Description  VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8821 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8821 Datasheet HTML 4Page - Seiko Instruments Inc S-8821 Datasheet HTML 5Page - Seiko Instruments Inc S-8821 Datasheet HTML 6Page - Seiko Instruments Inc S-8821 Datasheet HTML 7Page - Seiko Instruments Inc S-8821 Datasheet HTML 8Page - Seiko Instruments Inc S-8821 Datasheet HTML 9Page - Seiko Instruments Inc S-8821 Datasheet HTML 10Page - Seiko Instruments Inc S-8821 Datasheet HTML 11Page - Seiko Instruments Inc S-8821 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
S-8821 Series
Rev.3.1_00
Seiko Instruments Inc.
8
Operation
1. Basic operation
Figure 6 shows the block diagram of the S-8821 Series.
The S-8821 series controls the output voltage by using the pulse frequency modulation (PFM) method.
The SW1 to SW4 switching transistors are switched ON/OFF with the clock generated by the internal
oscillator circuit, and operates the step-up charge pump.
The output voltage is fed back and the voltage split by feedback resistances Rs and Rf and reference
voltage (Vref) are compared by a comparator. This comparator signal is used to modulate the oscillation
pulse frequency in order to keep the output voltage constant.
VIN
Switch
control
circuit
SW1
SW2
SW3
SW4
C
+
C
CPUMP=0.10 μF
Soft start
circuit
ON/OFF
circuit
ON/OFF
PFM control
oscillator
circuit
(1.0 MHz)
Reference
voltage
+
-
VOUT
GND
COUT=10 μF
Rs
Rf
CIN=4.7 μF
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com