Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99PM60J Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 1 Page - STMicroelectronics

  L99PM60J Datasheet HTML 1Page - STMicroelectronics L99PM60J Datasheet HTML 2Page - STMicroelectronics L99PM60J Datasheet HTML 3Page - STMicroelectronics L99PM60J Datasheet HTML 4Page - STMicroelectronics L99PM60J Datasheet HTML 5Page - STMicroelectronics L99PM60J Datasheet HTML 6Page - STMicroelectronics L99PM60J Datasheet HTML 7Page - STMicroelectronics L99PM60J Datasheet HTML 8Page - STMicroelectronics L99PM60J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
September 2013
Doc ID 18309 Rev 6
1/75
1
L99PM60J
Power management IC with LIN transceiver
Features
■
One 5 V low-drop voltage regulators (100 mA,
continuous mode)
■
No electrolytic capacitor required on regulator
output (only 220 nF ceramic typ.)
■
Ultra-low quiescent current in VBAT-standby
(7 µA) and V1-standby (45 µA)
■
Window watchdog and advanced fail-safe
functionality
■
Configurable fail-safe output
■
Programmable reset threshold (4.6 V; 3.5 V)
■
VS monitoring / temperature measurement
■
LIN 2.1 compliant (SAE J2602 compatible)
transceiver
■
High-speed LIN Flash mode up to 100 Kbit/s
■
ST SPI interface for mode control and
diagnostics
■
2 high-side drivers, e.g. LED or HALL
(RDSon,typ = 7 Ω)
■
2 low-side drivers (RDSon,typ = 2 Ω)
■
Outputs are short-circuit protected
■
Direct drive feature for high sides
■
Temperature warning and thermal shutdown
Applications
■
Automotive ECUs requiring LIN and power
management features such as door zone, and
body control modules
Description
The L99PM60J is a power management system
IC that features one low-drop regulator, a direct
drive for high-side drivers, and a LIN 2.1
compliant SAE J2602 transceiver.
The integrated standard serial peripheral
interface (SPI) controls all L99PM60J operation
modes and provides driver diagnostic functions.
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSSO-16
L99PM60J
L99PM60JTR
PowerSSO-16
www.st.com


Similar Part No. - L99PM60J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99PM60J STMICROELECTRONICS-L99PM60J Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - L99PM60J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
LIN TRANSCEIVER
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
LIN Transceiver
May, 2004 ??Rev. P3
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
LIN Transceiver
logo
STMicroelectronics
L99PM62XP STMICROELECTRONICS-L99PM62XP Datasheet
1Mb / 98P
Power management IC with LIN and high speed CAN
29-Nov-2011
logo
ams AG
AS8515 AMSCO-AS8515 Datasheet
557Kb / 65P
Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
LIN Transceiver
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
LIN System Basis Chip with LIN Transceiver
logo
STMicroelectronics
SPSB081 STMICROELECTRONICS-SPSB081 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com