Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M41T00S Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41T00S
Description  Serial real-time clock
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41T00S Datasheet HTML 12Page - STMicroelectronics M41T00S Datasheet HTML 13Page - STMicroelectronics M41T00S Datasheet HTML 14Page - STMicroelectronics M41T00S Datasheet HTML 15Page - STMicroelectronics M41T00S Datasheet HTML 16Page - STMicroelectronics M41T00S Datasheet HTML 17Page - STMicroelectronics M41T00S Datasheet HTML 18Page - STMicroelectronics M41T00S Datasheet HTML 19Page - STMicroelectronics M41T00S Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Clock operation
M41T00S
16/28
DocID10772 Rev 7
In the event the OF bit is found to be set to '1' at any time other than the initial power-up, the
STOP bit (ST) should be written to a '1,' then immediately reset to '0.' This will restart the
oscillator.
The following conditions can cause the OF bit to be set:
The first time power is applied (defaults to a '1' on power-up).
The voltage present on VCC is insufficient to support oscillation.
The ST bit is set to '1.'
External interference of the crystal.
The OF bit will remain set to '1' until written to logic '0.' The oscillator must start and have run
for at least 4 seconds before attempting to reset the OF Bit to '0.'
3.2.3
Output driver pin
When the FT bit is not set, the FT/OUT pin becomes an output driver that reflects the
contents of D7 of the calibration register. In other words, when D7 (OUT bit) and D6 (FT bit)
of address location 07h are a '0,' then the FT/OUT pin will be driven low.
Note:
The FT/OUT pin is an open drain which requires an external pull-up resistor.
3.2.4
Preferred initial power-on default
Upon initial application of power to the device, the ST and FT bits are set to a '0' state, and
the OF and OUT bits will be set to a '1.' All other register bits will initially power-on in a
random state (see Table 4).
Table 3. FT/OUT pin status
Power mode
(FT) D6 of 07h
(OUT bit) D7 of 07h
Status
VCC Mode
0
0
Low
0
1
High
1
1 or 0
Frequency Test
Battery Mode
N.A.
N.A.
High
Table 4. Preferred default values
Condition
ST
Out
FT
OF
Initial power-up(1)
1. State of other control bits undefined.
0
1
0
1
Subsequent power-up (with battery backup)(2)
2. UC = Unchanged
UC
UC
0
UC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com