Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99DZ81EP Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99DZ81EP
Description  Door actuator driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ81EP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99DZ81EP_V01 Datasheet HTML 17Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 18Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 19Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 20Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 21Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 22Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 23Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 24Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
DocID023145 Rev 2
21/62
L99DZ81EP
Electrical specifications
61
VDSHxrSW
Switching Voltage (VS -VSH)
between current mode and
switch mode (rising)
VS = 13.5 V
1.5
V
VTDSHxf
(2)
Trigger Voltage to sample the
VGSH for switching between
switch mode and current
mode (falling)
VS = 13.5 V; VGHx =4V
1.5
V
VTGSHxacc
(2)
Sampled trigger voltage
accuracy
VS = 13.5 V; VSHx =0
1
V
t0GHxr
Rise time (switch mode)
VS = 13.5 V; VSHx =0;
RG =0 ; CG =2.7 nF
45
ns
t0GHxf
Fall time (switch mode)
VS = 13.5 V; VSHx =0;
RG =0 ; CG =2.7 nF
85
ns
t0GLxr
Rise time
VS = 13.5 V; VSLx =0;
RG =0 ; CG =2.7 nF
45
ns
t0GLxf
Fall time
VS = 13.5 V; VSLx =0;
RG =0 ; CG =2.7 nF
85
ns
tCCP
Programmable cross-current
protection time
0.1
5
µs
fPWMH
PWMH switching frequency(1)
VS = 13.5 V; VSLx =0;
RG =0 ; CG =2.7 nF;
PWMH - duty cycle = 50 %
50
kHz
1.
Without cross-current protection time tCCP
2.
Parameter not tested, typical value validated by characterization.
Table 16. Gate drivers for the external Power-MOS switching times
Symbol
Parameter
Test condition
Min. Typ. Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com