Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS501BM Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS501BM
Description  LOCO??PLL CLOCK MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS501BM Datasheet(HTML) 6 Page - Integrated Device Technology

  ICS501BM Datasheet HTML 1Page - Integrated Device Technology ICS501BM Datasheet HTML 2Page - Integrated Device Technology ICS501BM Datasheet HTML 3Page - Integrated Device Technology ICS501BM Datasheet HTML 4Page - Integrated Device Technology ICS501BM Datasheet HTML 5Page - Integrated Device Technology ICS501BM Datasheet HTML 6Page - Integrated Device Technology ICS501BM Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ICS501B
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
6
ICS501B
REV D 120307
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
“LF” denotes Pb (lead) free package.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result
from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any
circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS501BM
501BM
Tubes
8-pin SOIC
0 to +70
° C
ICS501BMT
501BM
Tape and Reel
8-pin SOIC
0 to +70
° C
ICS501BMI
501BMI
Tubes
8-pin SOIC
-40 to +85
° C
ICS501BMIT
501BMI
Tape and Reel
8-pin SOIC
-40 to +85
° C
ICS501BMLF
501BML
Tubes
8-pin SOIC
0 to +70
° C
ICS501BMLFT
501BML
Tape and Reel
8-pin SOIC
0 to +70
° C
ICS501BMILF
501BMIL
Tubes
8-pin SOIC
-40 to +85
° C
ICS501BMILFT
501BMIL
Tape and Reel
8-pin SOIC
-40 to +85
° C
ICS501-DWF
-
Die on uncut, probed wafers
0 to +70
° C
ICS501-DPK
-
Tested die in waffle pack
0 to +70
° C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
MinMax
MinMax
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.33
0.51
.013
.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.25
0.50
.010
.020
L
0.40
1.27
.016
.050
α
0
°
8
°
0
°
8
°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com