Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS60150C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS60150C
Description  150 V power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60150C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS60150C Datasheet HTML 1Page - STMicroelectronics STPS60150C Datasheet HTML 2Page - STMicroelectronics STPS60150C Datasheet HTML 3Page - STMicroelectronics STPS60150C Datasheet HTML 4Page - STMicroelectronics STPS60150C Datasheet HTML 5Page - STMicroelectronics STPS60150C Datasheet HTML 6Page - STMicroelectronics STPS60150C Datasheet HTML 7Page - STMicroelectronics STPS60150C Datasheet HTML 8Page - STMicroelectronics STPS60150C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A1
K
A2
A1
K
A2
TO-220AB
K
Features
•
High junction temperature capability
•
Low leakage current
•
High voltage capabilities
•
Low thermal resistance
•
High frequency operation
•
Avalanche specification
•
ECOPACK®2 compliant
Applications
•
Switching diode
•
SMPS
•
DC/DC converter
•
Telecom power
Description
This dual center tab Schottky rectifier is suited for high frequency switched mode
power supplies.
Packaged in TO-220AB, the STPS60150C combines high current rating and low
volume to enhance both reliability and power density of the application.
Product status
STPS60150C
Product summary
IF(AV)
2 x 30 A
VRRM
150 V
Tj(max.)
175 °C
VF(typ.)
0.72 V
150 V power Schottky rectifier
STPS60150C
Datasheet
DS4090 - Rev 2 - June 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS60150C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS60150C STMICROELECTRONICS-STPS60150C Datasheet
490Kb / 6P
POWER SCHOTTKY RECTIFIER
19-Oct-2004
STPS60150CT STMICROELECTRONICS-STPS60150CT Datasheet
490Kb / 6P
POWER SCHOTTKY RECTIFIER
19-Oct-2004
More results

Similar Description - STPS60150C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR3515CTM SSDI-SSR3515CTM Datasheet
214Kb / 2P
35Amp/150 V CENTER TAP POWER SCHOTTKY RECTIFIER
logo
Sirectifier Global Corp...
SB1150 SIRECT-SB1150 Datasheet
222Kb / 2P
Power Schottky Rectifier - 1Amp 150~200Volt
SB1150H SIRECT-SB1150H Datasheet
222Kb / 2P
Power Schottky Rectifier - 1Amp 150~200Volt
SB2150H SIRECT-SB2150H Datasheet
222Kb / 2P
Power Schottky Rectifier - 2Amp 150~200Volt
SB3150 SIRECT-SB3150 Datasheet
210Kb / 2P
Power Schottky Rectifier - 3Amp 150~200Volt
SB5150 SIRECT-SB5150 Datasheet
210Kb / 2P
Power Schottky Rectifier - 5Amp 150~200Volt
logo
STMicroelectronics
STPS3150 STMICROELECTRONICS-STPS3150_V01 Datasheet
392Kb / 16P
150 V, 3 A power Schottky rectifier
October 2019
STPS40150C STMICROELECTRONICS-STPS40150C Datasheet
519Kb / 15P
150 V power Schottky rectifier
June 2018 Rev 2
STPS61150C STMICROELECTRONICS-STPS61150C Datasheet
404Kb / 10P
150 V power Schottky rectifier
June 2018 Rev 2
STPS80150C STMICROELECTRONICS-STPS80150C Datasheet
202Kb / 10P
150 V power Schottky rectifier
07-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com