Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS40120C Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS40120C
Description  120 V power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40120C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS40120C Datasheet HTML 3Page - STMicroelectronics STPS40120C Datasheet HTML 4Page - STMicroelectronics STPS40120C Datasheet HTML 5Page - STMicroelectronics STPS40120C Datasheet HTML 6Page - STMicroelectronics STPS40120C Datasheet HTML 7Page - STMicroelectronics STPS40120C Datasheet HTML 8Page - STMicroelectronics STPS40120C Datasheet HTML 9Page - STMicroelectronics STPS40120C Datasheet HTML 10Page - STMicroelectronics STPS40120C Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Revision history
Table 7. Document revision history
Date
Version
Changes
18-Feb-2005
1
First issue
1-Dec-2006
2
Reformatted to current standards. Added I2PAK.
15-Sep-2011
3
Added TO-220AB narrow leads package.
21-Jun-2018
4
Removed I²PAK package, figure 4 and figure 5.
Updated Figure 3. Normalized avalanche power derating versus pulse
duration (Tj = 125 °C) and Table 1. Absolute ratings (limiting values at 25 °C
unless otherwise specified, per diode).
Minor text changes to improve readability.
STPS40120C
DS4231 - Rev 4
page 10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com