Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GS5T48-5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS5T48-5
Description  5 W DC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS5T48-5 Datasheet(HTML) 1 Page - STMicroelectronics

  GS5T48-5 Datasheet HTML 1Page - STMicroelectronics GS5T48-5 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS5T48-5
5 W DC-DC CONVERTER
June 1994
1/2
Type
Vi
Vo
Io
GS5T48-5
40 to 60 V
5 V
1 A
DESCRIPTION
The GS5T48-5 is a 5W DC-DC converter designed
to provide a 5V/1A isolated power source in a metal
package.
The module features a wide input voltage range (40
to 60V), low reflected input current and continuous
short-circuit protection.
ELECTRICAL CHARACTERISTICS (Tamb.=25
° C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo =5V
Io = 50 to 1000mA
40
48
60
V
li
Input Current
Vi = 40 to 60V
Io = 1000mA
115
mA
lir
Input Reflected
Current
Vi = 48V
Vo =5V
Io= 1000mA
10
15
mApp
Vo
Output Voltage
Vi = 40 to 60V
Io = 50 to 1000mA
4.85
5.00
5.15
V
Vor
Output Ripple Voltage
Vi = 48V
Io = 1000mA
BW = 5Hz to 20MHz
20
35
mVpp
Io
Output Current
Vi = 40 to 60V
Vo =5V
50
1000
mA
Iosc
Output Short-circuit
Current
Vi = 48V
2.3
A
Vis
Isolation Voltage
500
VDC
fs
Switching Frequency
Vi = 40 to 60V
Io = 50 to 1000mA
100
kHz
η
Efficiency
Vi = 48V
Io = 1000mA
70
72
%
Top
Operating Case
Temperature Range
– 25
+85
°C
Tstg
Storage Temperature
Range
– 40
+105
°C


Similar Part No. - GS5T48-5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
GS5T48-15 STMICROELECTRONICS-GS5T48-15 Datasheet
49Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
More results

Similar Description - GS5T48-5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
GS5T48-15 STMICROELECTRONICS-GS5T48-15 Datasheet
49Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
2 W DC-DC CONVERTER
Jun-1994
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-37 POWERINT-DI-37 Datasheet
227Kb / 2P
16.5 W DC-DC Converter
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
5 W Flyback DC-DC Converter
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
19.2 W DC-DC Converter
logo
Power Systems GmbH+Co.K...
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
logo
Wall Industries,Inc.
RA2405DUW8 WALL-RA2405DUW8 Datasheet
461Kb / 11P
8 W DC-DC Converter
logo
HY-LINE Power Component...
P5A123R3S HY-LINE-P5A123R3S Datasheet
1Mb / 4P
5 W DC-DC Converter P5A-Series
Rev: 20171108 f
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com