Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KBL4 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # KBL4
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBL4 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  KBL4 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBL4 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●Surge overload rating -150~175 Amperes peak
●ldeal for printed circuit board
●Plastic material has UL flammability classification 94V-0
●Mounting position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
KBL005
KBL01
KBL02
KBL04
KBL06
KBL08
KBL10
KBL6005
KBL601
KBL602
KBL604
KBL606
KBL608
KBL610
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Output
4.0A
Current at 40
℃ TA (Note1)
6.0A
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
4.0A
Super Imposed on Rated Load
6.0A
Maximum Forward Voltage Drop Per Element
at 4.0/3.0A Peak
Maximum DC Reverse Current
at Rated DC Blocking Voltage
Maximum Reverse Current at
Rated DC Blocking Voltage and 150℃TA
Operating Temperature RangeTJ
TJ
℃
Storage Temperature Range TA
TSTG
℃
Dimensions in inches and (milimeters)
VF
IR
IR
150
175
IFSM
SYMBOL
I(AV)
KBL4/KBL6 SERIES
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT - 4/6Amperes
SILICON BRIDGE RECTIFIERS
1.0
10.0
uA
V
~ 251 ~
1.0
-55 to +125
-55 to+150
mA
UNIT
CHARACTERISTICS
NOTES:1. Mounting conditions ,0.5″ lead length maximum.
A
A
4.0
6.0
KBL
.728(18.5)
.768(19.5)
.640(16.3)
.600(15.2)
.547(13.9)
.587(14.9)
.048(1.2)TYP.
.052(1.3)DIA.
MIN.
.750
(19.0)
.180(4.6)
.220(5.6)
.256(6.5)
.236(6.0)
.087(2.2)
.071(1.8)


Similar Part No. - KBL4

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
KBL4-RS4L YANGJIE-KBL4-RS4L Datasheet
394Kb / 1P
SINGLE PHASE 4.0/6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBL400 WTE-KBL400 Datasheet
33Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBL400 JGD-KBL400 Datasheet
137Kb / 2P
SINGLE PHASE 4.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBL400 COMCHIP-KBL400 Datasheet
36Kb / 2P
Silicon Bridge Rectifiers
More results

Similar Description - KBL4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com