Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LL4151 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # LL4151
Description  HIGH-SPEED SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

LL4151 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  LL4151 Datasheet HTML 1Page - HY ELECTRONIC CORP. LL4151 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
~ 430 ~
LL4151
FIG.3-REVERSE CURRENT VS. JUNCTION TEMPERATURE
TJ((
°C)
0.1
1
0.01
10
0
100
200
100
1000
VR=75V
TYPICAL VALUES
VR=20V
TYPICAL VALUES
VR(V)
FIG. 4 -DIODE CAPACITANCE VS. REVERSE
VOLTAGE (TYPICAL VALUES)
Cd
(pF)
0.8
0.6
0.4
0
10
20
1.0
1.2
f=1MHZ,TJ=25
°C
Tamb(
°C)
FIG. 1 - MAXIMUM PERMISSIBLE CONTINUOUS
FORWARD CURRENT VS. AMBIENT TEMPERATURE
IF
(m A)
0
100
200
400
100
0
200
300
VF (V)
FIG. 2 -FORWARD CURRENT VS.FORWARD
VOLTAGE
IF
(m A)
400
200
0
0
1
2
600
TJ=175
°C
TYPICAL VALUES
TJ=25
°C
TYPICAL VALUES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com