Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MKBPC10 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # MKBPC10
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MKBPC10 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  MKBPC10 Datasheet HTML 1Page - HY ELECTRONIC CORP. MKBPC10 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload -240~500 Amperes peak
Low forward voltage drop
Mounting Position : Any
Electrically isolated base -2000 Volts
Solderable 0.25" FASTON terminals
Materials used carries U/L recognition
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Resistive or inductive load 60Hz.
For capacitive load current by 20%
MKBPC
MKBPC
MKBPC
MKBPC
MKBPC
MKBPC
MKBPC
10005
1001
1002
1004
1006
1008
1010
15005
1501
1502
1504
1506
1508
1510
25005
2501
2502
2504
2506
2508
2510
35005
3501
3502
3504
3506
3508
3510
50005
5001
5002
5004
5006
5008
5010
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current @TC=55℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop
Per Element at 5.0/7.5/12.5/17.5/25.0A Peak
Maximum Reverse Current at Rated
DC Blocking Voltage Per Element
@TA=25℃
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
MKBPC10/15/25/35/50A SERIES
SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT - 10/15/25/35/50 Amperes
UNIT
SYMBOL
CHARACTERISTICS
I(AV)
~ 359 ~
-55 to +125
-55 to +125
NOTES:Also available on KBPC 10W/15W/25W/35W/50W series.
IR
uA
1.1
10
A
A
V
IFSM
VF
MKBPC
M
KBPC
10
10
15
25
35
50
240
300
400
400
500
M
KBPC
15
M
KBPC
25
M
KBPC
35
M
KBPC
50
(2.4)
0.94
diam
Hole for
No.8 screw
193"(4.9)diam
.335(8.5)
.295(7.5)
.242(6.15)
.254(6.45)
.035(0.9)
.028(0.7)
1.114(28.3)
1.130(28.7)
.661(16.8)
.648(16.4)
.555(14.1)
.571(14.5)
.705(17.9)
.720(18.3)
.648(16.4)
.661(16.8)
1.130(28.7)
1.114(28.3)
.882(22.4)
.921(23.4)


Similar Part No. - MKBPC10

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MKBPC10005 GOOD-ARK-MKBPC10005 Datasheet
93Kb / 2P
SILICON BRIDGE RECTIFIERS
MKBPC1001 GOOD-ARK-MKBPC1001 Datasheet
93Kb / 2P
SILICON BRIDGE RECTIFIERS
MKBPC1002 GOOD-ARK-MKBPC1002 Datasheet
93Kb / 2P
SILICON BRIDGE RECTIFIERS
MKBPC1004 GOOD-ARK-MKBPC1004 Datasheet
93Kb / 2P
SILICON BRIDGE RECTIFIERS
MKBPC1006 GOOD-ARK-MKBPC1006 Datasheet
93Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - MKBPC10

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com