Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # MP8
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MP8 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  MP8 Datasheet HTML 1Page - HY ELECTRONIC CORP. MP8 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
● Surge overload rating -200 amperes peak
● Low forward voltage drop
● Small size; simple installation
● Sliver plated copper leads
● Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL MP8005
MP801
MP802
MP804
MP806
MP808
MP810
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
30
70
140
280
420
560
700
V
Maximum Average Forward
Tc=100℃ (Note1)
Rectified Output Current at
TA=40℃
(Note2)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop
Per Bridge Element at 4.0A Peak
Maximum Reverse Current at Rated TA=25℃
uA
DC Blocking Voltage Per Element
TA=100℃
mA
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
~ 347 ~
SILICON BRIDGE RECTIFIERS
For capacitive load, derate current by 20%
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25℃ ambient temperature unless otherwise specified.
REVERSE VOLTAGE
-
50 to 1000Volts
FORWARD CURRENT
-
8.0 Amperes
Dimensions in inches and (milimeters)
Polarity shown on side of case, Positive lead by beveled corner.
Notes:1.Unit mounted on metal chassis
MP8 SERIES
A
IR
10.0
1.0
VF
I(AV)
8.0
3.0
A
-55 to +125
IFSM
-55 to +125
2. Unit mounted on P.C. board
V
1.0
200
MP8
MIN
(19.0)
.750
.296(7.5)
.255(6.5)
HOLE FOR
NO.6 SCREW
.480(12.2)
.520(13.2)
.770(19.6)
.730(18.5)
.730(18.5)
.770(19.6)
DIA.
.052(1.3)
.048(1.2)
.520(13.2)
.480(12.2)
METAL HEAT SINK


Similar Part No. - MP8

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP8 EMERSON-NETWORKPOWER-MP8 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
logo
CHENG-YI ELECTRONIC CO....
MP8 CHENG-YI-MP8 Datasheet
125Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Astec America, Inc
MP8-2N-1E-1N-1Q-4NE-00 ASTEC-MP8-2N-1E-1N-1Q-4NE-00 Datasheet
411Kb / 8P
400-1200 Watts
logo
Emerson Network Power
MP8-2N-1E-1N-1Q-4NE-00 EMERSON-NETWORKPOWER-MP8-2N-1E-1N-1Q-4NE-00 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
logo
Astec America, Inc
MP8-3A-2A-2E-30 ASTEC-MP8-3A-2A-2E-30 Datasheet
411Kb / 8P
400-1200 Watts
More results

Similar Description - MP8

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com