Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPST8H100-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPST8H100-Y
Description  Automotive 100 V - 8 A power Schottky trench rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST8H100-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STPST8H100-Y Datasheet HTML 1Page - STMicroelectronics STPST8H100-Y Datasheet HTML 2Page - STMicroelectronics STPST8H100-Y Datasheet HTML 3Page - STMicroelectronics STPST8H100-Y Datasheet HTML 4Page - STMicroelectronics STPST8H100-Y Datasheet HTML 5Page - STMicroelectronics STPST8H100-Y Datasheet HTML 6Page - STMicroelectronics STPST8H100-Y Datasheet HTML 7Page - STMicroelectronics STPST8H100-Y Datasheet HTML 8Page - STMicroelectronics STPST8H100-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Figure 1. Current and voltage waveforms for avalanche energy test across D.U.T (device under test)
VCL_DUT
IAS
i(t), v(t)
t
tp
IDUT
IL
Figure 2. Unclamped Inductive Switching Test circuit
EAS=12×L×IAS²×   VCLDUT
VCLDUT−VDD ≅12×L×IAS²
tp=   L×IAS
VCLDUT−VDD
STPST8H100-Y
Characteristics
DS14188 - Rev 2
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com