Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH112-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH112-Y
Description  Automotive 1 A - 1200 V ultrafast rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH112-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH112-Y Datasheet HTML 1Page - STMicroelectronics STTH112-Y Datasheet HTML 2Page - STMicroelectronics STTH112-Y Datasheet HTML 3Page - STMicroelectronics STTH112-Y Datasheet HTML 4Page - STMicroelectronics STTH112-Y Datasheet HTML 5Page - STMicroelectronics STTH112-Y Datasheet HTML 6Page - STMicroelectronics STTH112-Y Datasheet HTML 7Page - STMicroelectronics STTH112-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
•
AEC-Q101 qualified
•
Very low conduction losses
•
Negligible switching losses
•
Low forward and reverse recovery times
•
High junction temperature
•
ECOPACK2 or ECOPACK3 compliant component on demand
Description
The STTH112-Y, which is using ST’s new 1200 V planar technology, is especially
suited for switching mode base drive and transistor circuits.
The device is also intended for use as a free-wheeling diode in power supplies and
other power switching applications in automotive K functions.
SMB Flat
SMB Flat
Wettable leads
Product status link
STTH112-Y
Product summary
IF(AV)
1 A
VRRM
1200 V
Tj (max.)
175 °C
VF (typ.)
1.1 V
Trr (typ.)
53 ns
Automotive 1 A - 1200 V ultrafast rectifier
STTH112-Y
Datasheet
DS10171 - Rev 3 - May 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH112-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112-Y STMICROELECTRONICS-STTH112-Y Datasheet
221Kb / 7P
Low forward and reverse recovery times
04-Feb-2014
logo
Infineon Technologies A...
STTH112-Y INFINEON-STTH112-Y Datasheet
9Mb / 27P
EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
More results

Similar Description - STTH112-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
Automotive 200 V, dual 3 A ultrafast rectifier
06-Nov-2020
STTH1002CSFY STMICROELECTRONICS-STTH1002CSFY Datasheet
334Kb / 10P
Automotive 200 V, dual 5 A ultrafast rectifier
Rev 1 - October 2020
logo
Vishay Siliconix
VS-U5FH120FA120 VISHAY-VS-U5FH120FA120 Datasheet
162Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 1200 V, 120 A
19-May-2022
VS-U5FH240FA120 VISHAY-VS-U5FH240FA120 Datasheet
163Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 1200 V, 240 A
19-May-2022
VS-U5FH60FA120 VISHAY-VS-U5FH60FA120 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 1200 V, 60 A
19-May-2022
logo
STMicroelectronics
STTH1R06AFY STMICROELECTRONICS-STTH1R06AFY Datasheet
215Kb / 10P
Automotive 600 V, 1 A, turbo 2 ultrafast rectifier
December 2018 Rev 2
logo
Nexperia B.V. All right...
PNU65010EP-Q NEXPERIA-PNU65010EP-Q Datasheet
247Kb / 12P
650 V, 1 A ultrafast recovery rectifier
18 October 2022
PNU65010EP NEXPERIA-PNU65010EP Datasheet
247Kb / 12P
650 V, 1 A ultrafast recovery rectifier
30 September 2022
PNU65010ER-Q NEXPERIA-PNU65010ER-Q Datasheet
256Kb / 13P
650 V, 1 A ultrafast recovery rectifier
30 September 2022
PNU65010ER NEXPERIA-PNU65010ER Datasheet
255Kb / 13P
650 V, 1 A ultrafast recovery rectifier
30 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com