Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP1075 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP1075
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP1075 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP1075 Datasheet HTML 17Page - Texas Instruments TMP1075 Datasheet HTML 18Page - Texas Instruments TMP1075 Datasheet HTML 19Page - Texas Instruments TMP1075 Datasheet HTML 20Page - Texas Instruments TMP1075 Datasheet HTML 21Page - Texas Instruments TMP1075 Datasheet HTML 22Page - Texas Instruments TMP1075 Datasheet HTML 23Page - Texas Instruments TMP1075 Datasheet HTML 24Page - Texas Instruments TMP1075 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
7.5 Register Map
Table 7-5. TMP1075 Register Map
ADDRESS
TYPE
RESET
ACRONYM
REGISTER NAME
SECTION
00h
R
0000h
TEMP
Temperature result register
Go
01h
R/W
00FFh
CFGR
Configuration register
Go
02h
R/W
4B00h
LLIM
Low limit register
Go
03h
R/W
5000h
HLIM
High limit register
Go
0Fh
(1)
R
7500h
DIEID
Device ID register
Go
(1)
Device ID register not available on TMP1075N
Note
TMP1075 Configuration register supports single byte read and write for software compatibility with
xx75 standard temperature sensors.
7.5.1 Register Descriptions
Table 7-6. TMP1075 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default value
7.5.1.1 Temperature Register (address = 00h) [default reset = 0000h]
The temperature register of the TMP1075 is a 12-bit, read-only register that stores the result of the most recent
conversion (see Figure 7-11). Data is represented in binary two's complement format. The first 12 bits are used
to indicate temperature, with all remaining bits equal to zero. The least significant byte does not have to be read
if that information is not needed. Following power-up or reset, the temperature register value is 0°C until the first
conversion is complete.
Figure 7-11. Temperature Register
15
14
13
12
11
10
9
8
T11
T10
T9
T8
T7
T6
T5
T4
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
7
6
5
4
3
2
1
0
T3
T2
T1
T0
0
0
0
0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
Table 7-7. Temperature Register Field Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:4
T[11:0]
R
000h
12-bit, read-only register that stores the most recent
temperature conversion results.
3:0
—
R
0h
Not used
www.ti.com
TMP1075
SBOS854F – MARCH 2018 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com