Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

062.60 Datasheet(PDF) 4 Page - Finder Relays, Inc.

Part # 062.60
Description  Power relays 16 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

062.60 Datasheet(HTML) 4 Page - Finder Relays, Inc.

  062.60 Datasheet HTML 1Page - Finder Relays, Inc. 062.60 Datasheet HTML 2Page - Finder Relays, Inc. 062.60 Datasheet HTML 3Page - Finder Relays, Inc. 062.60 Datasheet HTML 4Page - Finder Relays, Inc. 062.60 Datasheet HTML 5Page - Finder Relays, Inc. 062.60 Datasheet HTML 6Page - Finder Relays, Inc. 062.60 Datasheet HTML 7Page - Finder Relays, Inc. 062.60 Datasheet HTML 8Page - Finder Relays, Inc. 062.60 Datasheet HTML 9Page - Finder Relays, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
62.31-4800
62.32-4800
1 NO (SPST-NO) double break, ≥ 4.2 mm
2 NO (DPST-NO), ≥ 2.1 mm
16/30*
16/30*
250/400
250/400
4,000
4,000
16/16/12
16/12/6
16/5/3
10/2/1.2
1,000 (10/10)
1,000 (10/10)
AgSnO2
AgSnO2
6 - 12 - 24 - 48 - 60 - 110 - 125 - 220
1.3
1.3
(0.85…1.1)UN
(0.85…1.1)UN
0.6 UN
0.6 UN
0.1 UN
0.1 UN
10 · 10
6
10 · 10
6
100 · 10
3
100 · 10
3
16/5
16/5
6
6
3,000
2,000
–40…+70
–40…+70
RT I
RT I
1 pole normally open contact (double break,
≥ 4.2 mm contact gap)
Plug-in / Faston 187
2 pole normally open contact
(≥ 2.1 mm contact gap)
Plug-in / Faston 187
Contact specification
Contact configuration
Rated current/Maximum peak current
A
Rated voltage/Maximum switching voltage V AC
Rated load AC1
VA
Breaking capacity DC1: 30/125/220 V
A
Breaking capacity DC inductive (L/R = 40 ms):
30/125/220 V
A
Minimum switching load
mW (V/mA)
Standard contact material
Coil specification
Nominal voltage (UN)
V DC
Rated power DC
W
Operating range
DC
Holding voltage
DC
Must drop-out voltage
DC
Technical data
Mechanical life DC
cycles
Electrical life at rated load DC1
cycles
Operate/release time
ms
Insulation between coil and contacts (1.2/50 μs) kV
Dielectric strength between open contacts V AC
Ambient temperature range
°C
Environmental protection
Approvals (according to type)
* Maximum peak current 120 A - 5 ms.
For outline drawing see page 10
Features
Plug-in mount/Faston 187
Magnetic blow power relay
Plug-in (92 series sockets) or Faston 187
(4.8x0.5 mm) with optional mounting adaptors
1 & 2 Pole NO contacts
High DC load (resistive and inductive)
switching capability
DC coils
Reinforced insulation between coil and
contacts according to EN 60335-1, with
6 mm clearance & 8 mm creepage distance
Cadmium Free contact material
Sockets and accessories
4
62
SERIES
62 Series - Power relays 16 A
A
62.31-4800
62.32-4800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com