Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH8R03D Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH8R03D
Description  300V HYPERFAST RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R03D Datasheet(HTML) 4 Page - STMicroelectronics

  STTH8R03D Datasheet HTML 1Page - STMicroelectronics STTH8R03D Datasheet HTML 2Page - STMicroelectronics STTH8R03D Datasheet HTML 3Page - STMicroelectronics STTH8R03D Datasheet HTML 4Page - STMicroelectronics STTH8R03D Datasheet HTML 5Page - STMicroelectronics STTH8R03D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STTH8R03G/D
4/6
0
50
100 150 200 250 300 350 400 450 500
0.0
0.1
0.2
0.3
0.4
0.5
0.6
dIF/dt(A/µs)
S factor
IF < 2 x IF(av)
VR=200V
Tj=125°C
Fig. 7:
Softness factor (tb/ta) versus dIF/dt
(typical values).
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Tj(°C)
IRM
S factor
Fig.
8:
Relative
variation
of
dynamic
parameters
versus
junction
temperature
(Reference: Tj=125°C).
0
50
100 150 200 250 300 350 400 450 500
0
1
2
3
4
5
6
7
8
9
10
dIF/dt(A/µs)
VFP(V)
IF=IF(av)
Tj=125°C
Fig. 9: Transient peak forward voltage versus
dIF/dt (90% confidence).
0
50
100 150 200 250 300 350 400 450 500
0
50
100
150
200
250
300
dIF/dt(A/µs)
tfr(ns)
VFR=1.1 x VF max.
IF=IF(av)
Tj=125°C
Fig. 10: Forward recovery time versus dIF/dt
(90% confidence).
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
S(cm²)
Rth(j-a) (°C/W)
D²PAK
Fig. 11:
Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness: 35µm)(D
2PAK)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com