Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH8L06DIRG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH8L06DIRG
Description  Turbo 2 ultrafast high voltage rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8L06DIRG Datasheet(HTML) 2 Page - STMicroelectronics

  STTH8L06DIRG Datasheet HTML 1Page - STMicroelectronics STTH8L06DIRG Datasheet HTML 2Page - STMicroelectronics STTH8L06DIRG Datasheet HTML 3Page - STMicroelectronics STTH8L06DIRG Datasheet HTML 4Page - STMicroelectronics STTH8L06DIRG Datasheet HTML 5Page - STMicroelectronics STTH8L06DIRG Datasheet HTML 6Page - STMicroelectronics STTH8L06DIRG Datasheet HTML 7Page - STMicroelectronics STTH8L06DIRG Datasheet HTML 8Page - STMicroelectronics STTH8L06DIRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STTH8L06
2/11
Doc ID 8373 Rev 6
1
Characteristics
To evaluate the conduction losses use the following equation: P = 0.89 x IF(AV) + 0.022 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) Forward rms current
TO-220AC / TO-220FPAC / D2PAK
30
A
TO-220AC Ins.
24
IF(AV)
Average forward current
δ = 0.5
TO-220AC / D2PAK
Tc = 150 °C
8A
TO-220FPAC
Tc = 125 °C
TO-220AC Ins.
Tc = 135 °C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
120
A
Tstg
Storage temperature range
-65 to 175
°C
Tj
Operating junction temperature range
-40 to 175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value (max)
Unit
Rth(j-c)
Junction to case
TO-220AC / D2PAK
2.5
°C/W
TO-220FPAC
5
TO-220AC Ins.
4
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage current
Tj = 25 °C
VR = VRRM
8
µA
Tj = 150 °C
16
200
VF
Forward voltage drop
Tj = 25 °C
IF = 8 A
1.3
V
Tj = 150 °C
0.85
1.05
Table 5.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse
recovery time
Tj = 25 °C
IF = 1 A, dIF/dt = -50 A/µs VR = 30 V
75
105
ns
IRM
Reverse
recovery current
Tj = 125 °C
IF = 8 A, dIF/dt = 100 A/µs,
VR = 400 V
7.2
10
A
tfr
Forward
recovery time
Tj = 25°C
IF = 8 A, dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
150
ns
VFP
Forward
recovery voltage
IF = 8 A, dIF/dt = 100 A/µs
6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com