Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RHV Datasheet(PDF) 2 Page - VINATech Co.,Ltd.

Part # RHV
Description  High Voltage, High Capacitance Low ESR, High ripple current Load life of 5,000h at 105°C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINATECH [VINATech Co.,Ltd.]
Direct Link  https://www.vinatech.com/en/
Logo VINATECH - VINATech Co.,Ltd.

RHV Datasheet(HTML) 2 Page - VINATech Co.,Ltd.

  RHV Datasheet HTML 1Page - VINATech Co.,Ltd. RHV Datasheet HTML 2Page - VINATech Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rated
Voltage
[Vdc]
Rated
Capacitance
[µF]
Size
ØD x L
[mm]
ESR
(20°C,100kHz)
[mΩ] [max.]
Rated Ripple
Current
(105°C,100kHz)
[mArms]
Tangent of
Loss Angel
[max.]
Leakage
Current
[µA, max.]
Part
Number
16
150
6.3 x 6
30
2590
0.12
480
16RHV150MC6
180
6.3 x 6
22
3300
0.12
576
16RHV180MC6
270
8 x 7
22
3300
0.12
864
16RHV270MD7
560
8 x 11.5
14
4950
0.12
1792
16RHV560MD11
1000
10 x 11.5
12
5400
0.12
3200
16RHV1000ME11
1200
8 x 15
11
7000
0.12
2880
16RHV1200MD15
1500
10 x 11.5
12
5600
0.12
4800
16RHV1500ME11
1800
8 x 21
9
7500
0.12
4320
16RHV1800MD21
2200
10 x 16
11
8100
0.12
5280
16RHV2200ME16
3300
10 x 21
11
10000
0.12
7920
16RHV3300ME21
20
120
6.3 x 6
25
3200
0.12
480
20RHV120MC6
180
8 x 7
25
3200
0.12
720
20RHV180MD7
220
8 x 11.5
24
3320
0.12
880
20RHV220MD11
390
8 x 11.5
14
4950
0.12
1560
20RHV390MD11
560
10 x 11.5
12
5400
0.12
2240
20RHV560ME11
25
27
6.3 x 6
40
2450
0.12
135
25RHV27MC6
47
6.3 x 6
30
2800
0.12
235
25RHV47MC6
56
6.3 x 6
30
2800
0.12
280
25RHV56MC6
82
8 x 7
28
3000
0.12
410
25RHV82MD7
100
8 x 7
28
3000
0.12
500
25RHV100MD7
180
8 x 11.5
16
4650
0.12
900
25RHV180MD11
220
8 x 11.5
16
4650
0.12
1100
25RHV220MD11
330
10 x 11.5
14
5000
0.12
1650
25RHV330ME11
390
10 x 11.5
14
5000
0.12
1950
25RHV390ME11
470
10 x 11.5
14
5000
0.12
2350
25RHV470ME11
680
10 x 11.5
14
5000
0.12
3400
25RHV680ME11
1000
10 x 16
10
5600
0.12
2500
25RHV1000ME16
1200
8 x 23
10
5600
0.12
3000
25RHV1200MD23
2200
10 x 23
10
8100
0.12
5500
25RHV2200ME23
32
22
6.3 x 6
35
2700
0.12
140
32RHV22MC6
68
8 x 7
25
3200
0.12
435
32RHV68MD7
120
8 x 11.5
20
4000
0.12
768
32RHV120MD11
220
10 x 11.5
18
4650
0.12
1408
32RHV220ME11
35
22
6.3 x 6
35
2600
0.12
154
35RHV22MC6
39
8 x 7
30
2800
0.12
273
35RHV39MD7
47
8 x 7
30
2800
0.12
329
35RHV47MD7
68
8 x 7
28
3000
0.12
476
35RHV68MD7
82
8 x 11.5
20
4000
0.12
574
35RHV82MD11
100
8 x 11.5
20
4000
0.12
700
35RHV100MD11
120
10 x 11.5
18
4400
0.12
840
35RHV120ME11
150
10 x 11.5
18
4400
0.12
1050
35RHV150ME11
220
10 x 11.5
18
4650
0.12
1540
35RHV220ME11
270
8 x 11.5
20
4200
0.12
1890
35RHV270MD11
330
10 x 11.5
17
4650
0.12
2310
35RHV330ME11
680
10 x 16
14
5000
0.12
4760
35RHV680ME16
50
10
6.3 x 6
40
2500
0.12
100
50RHV10MC6
22
8 x 7
35
2700
0.12
220
50RHV22MD7
39
8 x 11.5
25
3800
0.12
390
50RHV39MD11
47
8 x 11.5
25
3800
0.12
470
50RHV47MD11
56
8 x 11.5
25
3800
0.12
560
50RHV56MD11
68
10 x 11.5
20
4300
0.12
680
50RHV68ME11
100
10 x 11.5
20
4300
0.12
1000
50RHV100ME11
120
8 x 11.5
20
3900
0.12
1200
50RHV120MD11
220
10 x 11.5
25
4650
0.12
2200
50RHV220ME11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com