Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

F06 Datasheet(PDF) 2 Page - Weller Tools

Part # F06
Description  Hot air nozzles for HAP1 WMD 3K, WMD 1A, WAD 101, WMA 3V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

F06 Datasheet(HTML) 2 Page - Weller Tools

  F06 Datasheet HTML 1Page - Weller Tools F06 Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100W
19
Model
Dimensions
Components
Description
Order No.
X x Y
Two sides heated (type D)
D10
18,0 x 10,0 mm
SO 28
hot air nozzle
005 87 277 84
with hotplate
D08
15,0 x 10,0 mm
hot air nozzle
005 87 277 81
with hotplate
D06
13,0 x 10,0 mm
hot air nozzle
005 87 277 82
with hotplate
D04
10,5 x 10,5 mm
hot air nozzle
005 87 277 79
with hotplate
All 4 sides heated (type D)
SK 709
12,0 x 12,0 mm
hot air nozzle
005 87 278 12
SK 769A
16,0 x 16,0 mm
with hotplate
005 87 278 16
Q10
18,0 x 18,0 mm
005 87 277 85
Q08
12,5 x 15,0 mm
hot air nozzle
005 87 277 83
with hotplate
Q06
15,0 x 10,0 mm
hot air nozzle
005 87 277 80
Q04
6,0 x 9,0 mm
hot air nozzle
005 87 277 78
Q02
6,0 x 6,5 mm
hot air nozzle
005 87 277 77
Measuring nozzle
R01
measuring nozzle
005 87 278 08



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com