Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSW Datasheet(PDF) 5 Page - Crydom Inc.,

Part # CSW
Description  Panel Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CSW Datasheet(HTML) 5 Page - Crydom Inc.,

  CSW Datasheet HTML 1Page - Crydom Inc., CSW Datasheet HTML 2Page - Crydom Inc., CSW Datasheet HTML 3Page - Crydom Inc., CSW Datasheet HTML 4Page - Crydom Inc., CSW Datasheet HTML 5Page - Crydom Inc., CSW Datasheet HTML 6Page - Crydom Inc., CSW Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DataSheet
Panel Mount
AGENCY APPROVALS
Designed in accordance with the requirements of IEC 62314
IEC 61000-4-2 : Electrostatic Discharge – Level 3
IEC 61000-4-4 : Electrically Fast Transients – Level 3
IEC 61000-4-5 : Electrical Surges – Level 3
IEC 600068-2-6: Vibration 0.33mm and 0.75mm Amplitude over 10-55 Hz
IEC 600068-2-27: Shock Resistance 15g/11ms
E116949
LR81689
10143 UG
Series 1 has Environmental Product declarations type III conforming to ISO 14025.
ACCESORIES
Recommended Accessories
Cover
Hardware
Kit
Heat Sink
Part No.
Thermal Resistance
[ºC/W]
Lug Terminal Thermal Pad
KS101
HK1
HK4
TRM1
TRM6
HSP-1
HSP-2
HS501DR
HS301 / HS301DR
HS251
HS202 / HS202DR
HS201 / HS201DR
HS172
HS151 / HS151DR
HS122 / HS122DR
HS103 / HS103DR
HS101
HS073
HS072
HS053
HS033
HS023
5.0
3.0
2.5
2.0
2.0
1.7
1.5
1.2
1.0
1.0
0.7
0.7
0.5
0.36
0.25
Rev.112614
Do not forget to visit us at: www.crydom.com
Copyright © 2014 Crydom Inc. Specifications subject to change without notice.
Part number: KS101
Clear plastic cover compatible with all new
S1 designs. Safety covers provide added
protection from electric shock when
installing or checking equipment.
Protective Cover
Hardware Kit
Part number: HK4
Bag with 2 square brass accessories and 2
screw 8-32 x 5/8 for output. Used to mount
TMR1 lug terminals.
New Accessories!
Protective Cover & Hardware Kits



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com