Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

960200021 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 960200021
Description  AsSPaRO Round Plastic Spacer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

960200021 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  960200021 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 960200021 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2015-06-09
960 xxx xxx
PA-GV25, black
SKl
AsSPaRO
Round Plastic Spacer
xxx xxx xxx
DaF
5 : 1
SCALE
SIZE
DESCRIPTION
STATUS
PROJECTION
METHOD
PAGE
DATE
ORDER CODE
MATERIAL
CHECKED
CREATED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
com. +49 79 42 945 - 0
www.we-online.de
eiSos@we-online.de
GENERAL TOLERANCE
BUSINESS UNIT
eiCan
DIN ISO 2768-1m
WEIGHT
Released
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is
especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
xxx
Order
Code
L
(m m )
ID
(m m )
OD
(m m )
960020010
2
2,2
4,0
960030010
3
2,2
4,0
960040010
4
2,2
4,0
960050010
5
2,2
4,0
960060010
6
2,2
4,0
960070010
7
2,2
4,0
960080010
8
2,2
4,0
960090010
9
2,2
4,0
960100010
10
2,2
4,0
960110010
11
2,2
4,0
960120010
12
2,2
4,0
960150010
15
2,2
4,0
960200010
20
2,2
4,0
960300010
30
2,2
4,0
960020021
2
2,7
5,0
960030021
3
2,7
5,0
960040021
4
2,7
5,0
960050021
5
2,7
5,0
960060021
6
2,7
5,0
960070021
7
2,7
5,0
960080021
8
2,7
5,0
960090021
9
2,7
5,0
960100021
10
2,7
5,0
960110021
11
2,7
5,0
960200021
20
2,7
5,0
960250021
25
2,7
5,0
960300021
30
2,7
5,0
960020042
2
3,2
6,0
960030042
3
3,2
6,0
960040042
4
3,2
6,0
960050042
5
3,2
6,0
960060042
6
3,2
6,0
960070042
7
3,2
6,0
960080042
8
3,2
6,0
960090042
9
3,2
6,0
960100042
10
3,2
6,0
960110042
11
3,2
6,0
960120042
12
3,2
6,0
960130042
13
3,2
6,0
960140042
14
3,2
6,0
960150042
15
3,2
6,0
960160042
16
3,2
6,0
960170042
17
3,2
6,0
960180042
18
3,2
6,0
960190042
19
3,2
6,0
960200042
20
3,2
6,0
960220042
22
3,2
6,0
960280042
28
3,2
6,0
960300042
30
3,2
6,0
960400042
40
3,2
6,0
960450042
45
3,2
6,0
960500042
50
3,2
6,0
OID
A
A
1 / 2


Similar Part No. - 960200021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
960200021 WURTH-960200021 Datasheet
301Kb / 4P
WA-SPARO Round Plastic Spacers
001.003
More results

Similar Description - 960200021

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
335-1006 CAMBION-335-1006 Datasheet
25Kb / 1P
Spacer/Stand-off, Round, Thru Hole
335-5173 CAMBION-335-5173 Datasheet
24Kb / 1P
Spacer/Stand-off, round, thru hole
335-5175 CAMBION-335-5175 Datasheet
25Kb / 1P
Spacer/Stand-off, round, thru hole
350-3947 CAMBION-350-3947 Datasheet
25Kb / 1P
Spacer/Stand-off, round, threaded
350-7420 CAMBION-350-7420 Datasheet
27Kb / 1P
Spacer/Stand-off, round, threaded
logo
Harwin Plc
R6003-00 HARWIN-R6003-00 Datasheet
135Kb / 1P
PLASTIC SPACER SELF LOCKING
R4780-02 HARWIN-R4780-02 Datasheet
149Kb / 1P
CLEARANCE SPACER-ROUND
R6350-02 HARWIN-R6350-02 Datasheet
400Kb / 2P
THRADED SPACER-ROUND
R6680-02 HARWIN-R6680-02 Datasheet
130Kb / 1P
CLEARANCE SPACER-ROUND
logo
RAF ELECTRONIC HARDWARE
M0904-B-25-AL RAF-M0904-B-25-AL Datasheet
50Kb / 1P
4.5 MM ROUND SWAGE SPACER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com