Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT4075 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4075
Description  Wide Input 2.5A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4075 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4075 Datasheet HTML 1Page - Active-Semi, Inc ACT4075 Datasheet HTML 2Page - Active-Semi, Inc ACT4075 Datasheet HTML 3Page - Active-Semi, Inc ACT4075 Datasheet HTML 4Page - Active-Semi, Inc ACT4075 Datasheet HTML 5Page - Active-Semi, Inc ACT4075 Datasheet HTML 6Page - Active-Semi, Inc ACT4075 Datasheet HTML 7Page - Active-Semi, Inc ACT4075 Datasheet HTML 8Page - Active-Semi, Inc ACT4075 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Innovative Products. Active Solutions.
- 1 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
TYPICAL APPLICATION CIRCUIT
ACT4075
Rev PrA, 13-Aug-07
Advanced Product Information – All Information Subject to Change
Wide Input 2.5A Step Down Converter
FEATURES
2.5A Output Current
Up to 95% Efficiency
4.5V to 32V Input Range
6µA Shutdown Supply Current
410kHz Switching Frequency
Adjustable Output Voltage
Cycle-by-Cycle Current Limit Protection
Thermal Shutdown Protection
Internal Soft Start Function
Frequency Fold Back at Short Circuit
Stability with Wide Range of Capacitors,
Including Low ESR Ceramic Capacitors
SOP-8/EP (Exposed Pad) Package
APPLICATIONS
TFT LCD Monitors or Televisions and HDTV
Portable DVD Players
Car-Powered or Battery-Powered Equipment
Set-Top Boxes
Telecom Power Supplies
DSL and Cable Modems and Routers
GENERAL DESCRIPTION
The ACT4075 is a current-mode step-down DC/DC
converter that generates up to 2.5A output current
at 410kHz switching frequency. The device utilizes
Active-Semi’s proprietary ISOBCD30 process for
operation with input voltage up to 32V.
Consuming only 6μA in shutdown mode, the
ACT4075 is highly efficient with peak efficiency at
95% when in operation. Protection features include
cycle-by-cycle current limit, thermal shutdown, and
frequency fold back at short circuit. The device also
includes an internal soft start function to prevent
overshoot.
The ACT4075 is available in SOP-8/EP exposed
pad package and requires very few external de-
vices for operation.


Similar Part No. - ACT4075

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
ACT4070BYH ACTIVE-SEMI-ACT4070BYH Datasheet
303Kb / 9P
Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
ACT4070BYH-T ACTIVE-SEMI-ACT4070BYH-T Datasheet
303Kb / 9P
Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
More results

Similar Description - ACT4075

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
logo
FOSLINK SEMICONDUCTOR C...
FSP3128 FOSLINK-FSP3128 Datasheet
361Kb / 10P
WIDE INPUT 3A STEP-DOWN CONVERTER
FSP3129 FOSLINK-FSP3129 Datasheet
368Kb / 10P
WIDE INPUT 2A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com