Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PS0100 Datasheet(PDF) 2 Page - Power IC Ltd.

Part # PS0100
Description  600mA Synchronous Boost Converter with Output Disconnect
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS0100 Datasheet(HTML) 2 Page - Power IC Ltd.

  PS0100 Datasheet HTML 1Page - Power IC Ltd. PS0100 Datasheet HTML 2Page - Power IC Ltd. PS0100 Datasheet HTML 3Page - Power IC Ltd. PS0100 Datasheet HTML 4Page - Power IC Ltd. PS0100 Datasheet HTML 5Page - Power IC Ltd. PS0100 Datasheet HTML 6Page - Power IC Ltd. PS0100 Datasheet HTML 7Page - Power IC Ltd. PS0100 Datasheet HTML 8Page - Power IC Ltd. PS0100 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PS0100
PIN CONFIGURATION
PIN DESIGNATOR
Name
Pin
Type
Function
SW
1
Switch
Connects inductor between SW and VIN
GND
2
Ground
Ground pin
FB
3
Feedback
Adjustable feedback input, connects to resistor voltage divider
SHUTB
4
Shutdown input
SHUTB = High: normal operation (Supports both TTL and CMOS logic)
VOUT
5
Analog output
Boost regulator output
VIN
6
Battery input
Boost regulator input
ORDERING INFORMATION
Part Number
Voltage
Junction Temperature Range
Package
PS0100A
Adj.
-40
°C to 85°C
SOT-26
PS0100 – 2.5
2.5
-40
°C to 85°C
SOT-26
PS0100 – 2.8
2.8
-40
°C to 85°C
SOT-26
PS0100 – 3.0
3.0
-40
°C to 85°C
SOT-26
PS0100 – 3.3
3.3
-40
°C to 85°C
SOT-26
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com