Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MLX90121 Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # MLX90121
Description  13.56MHz RFID Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90121 Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX90121 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90121 Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MLX90121
13.56MHz RFID Transceiver
3901090121
Page 10 of 26
Data Sheet
Rev. 007
Jan-2008
MODE
DIN
CK
Address
Data
RTB
MSB
MSB
LSB
LSB
After sending address and data, the MODE line is asserted high and the chip is ready to receive the next
register configuration.
Signal
Assign
MODE
RTB
DIN
CK
0
0
4-bit Address + 8-bit Data
12 clock pulses
DOUT
DSYNC
x
x
Notes
1.
If a register does not contain eight bits, write ‘0’ in the unused bit.
2.
When MODE is asserted high, the chip is in communication mode. If the encoder is disabled (by
default), DIN has to be kept at ‘1’ to avoid any modulation on the antenna.
3.
In case of successive registers writings, it is mandatory to have MODE asserted high for at least
Tmw = 5
µs in between each access, as shown in the following diagram.
MODE
CK
Writing 1
Writing 2
Tmw
11.3. Communication Modes
11.3.1. Transmission
11.3.1.a. Analog Setup
For the transmission, the modulation depth has to be chosen. This is done by the TModIndex bit of the
AnalogConfig register, which selects the modulation index: 10% or 100%.
The modulation index can be further tuned by means of the external RMOD resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com