Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L3234 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L3234
Description  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3234 Datasheet(HTML) 5 Page - STMicroelectronics

  L3234 Datasheet HTML 1Page - STMicroelectronics L3234 Datasheet HTML 2Page - STMicroelectronics L3234 Datasheet HTML 3Page - STMicroelectronics L3234 Datasheet HTML 4Page - STMicroelectronics L3234 Datasheet HTML 5Page - STMicroelectronics L3234 Datasheet HTML 6Page - STMicroelectronics L3234 Datasheet HTML 7Page - STMicroelectronics L3234 Datasheet HTML 8Page - STMicroelectronics L3234 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
1
2
3
4
5
6
7
D94TL131
OUT2
V100
OUT1
GND
VCC
CS
VA
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V100
Positive Power Supply Voltage
+120
V
VCC
5V Power Supply Voltage
5.5
V
VA
Low Voltage Ringing Signal (with V100 = 120Vdc)
1.4
Vrms
CS
Logical Ring Drive Input
VCC
Tj
Max. Junction Temperature
150
oC
Tstg
Storage Temperature
-55 to +150
oC
OPERATING RANGE
Symbol
Parameter
Value
Unit
V100
High Power Supply Voltage
95 to 105
V
VCC
Low Power Supply Voltage
5
±5%
V
VA
Low Voltage Ringing Signal
600 to 950
within 10Hz - 100Hz
Vrms
Top
Operating Temperature for L3234
L3234T
0to 70
-40 to 85
°C
°C
Tjop
Max. Junction Operating Temperature (due to thermal protection)
130
°C
Note: Operating ranges define those limits between which the functionality of the device is guaranteed.
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-case
Rth j-amb
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Max.
Max.
4
50
oC/W
oC/W
PIN DESCRIPTION
Pin
Name
Description
1
VA
Low Voltage Ringing Signal Input
2
CS
Logical Ring Drive Input
3VCC
+5V Low Power Supply
4
GND
Common Analog-Digital Ground
5
OUT1
Ringing Signal Output
6
V100
+100V High Power Supply
L3234 - L3235
5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com