Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADG1201BRJZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG1201BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1201BRJZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADG1201BRJZ-R2 Datasheet HTML 1Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 2Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 3Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 4Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 5Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 6Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 7Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1201BRJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Capacitance, Low Charge Injection,
±15 V/+12 V iCMOS SPST in SOT-23
ADG1201/ADG1202
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
2.4 pF off capacitance
<1 pC charge injection
Low leakage; 0.6 nA maximum @ 85°C
120 Ω on resistance
Fully specified at ±15 V, +12 V
No VL supply required
3 V logic-compatible inputs
Rail-to-rail operation
6-lead SOT-23 package
APPLICATIONS
Automatic test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Audio signal routing
Video signal routing
Communication systems
FUNCTIONAL BLOCK DIAGRAM
ADG1201
SD
IN
ADG1202
SD
IN
SWITCHES SHOWN FOR A LOGIC “1” INPUT
Figure 1.
GENERAL DESCRIPTION
The ADG1201/ADG1202 are monolithic complementary
metal-oxide semiconductor (CMOS) devices containing
an SPST switch designed in an iCMOS® (industrial CMOS)
process. iCMOS is a modular manufacturing process
combining high voltage CMOS and bipolar technologies.
It enables the development of a wide range of high perform-
ance analog ICs capable of 33 V operation in a footprint
that no previous generation of high voltage parts has been
able to achieve. Unlike analog ICs using conventional
CMOS processes, iCMOS components can tolerate high
supply voltages while providing increased performance,
dramatically lower power consumption, and reduced
package size.
The ultralow capacitance and charge injection of these
switches make them ideal solutions for data acquisition
and sample-and-hold applications, where low glitch and fast
settling are required. Fast switching speed coupled with
high signal bandwidth make the parts suitable for video
signal switching.
iCMOS construction ensures ultralow power dissipation,
making the parts ideally suited for portable and battery-
powered instruments.
The ADG1201/ADG1202 contain a single-pole/single-throw
(SPST) switch. Figure 1 shows that with a logic input of 1, the
switch of the ADG1201 is closed and that of the ADG1202 is
open. Each switch conducts equally well in both directions when
on and has an input signal range that extends to the supplies. In
the off condition, signal levels up to the supplies are blocked.
PRODUCT HIGHLIGHTS
1.
Ultralow capacitance.
2.
<1 pC charge injection.
3.
Ultralow leakage.
4.
3 V logic-compatible digital inputs: VIH = 2.0 V, VIL = 0.8 V.
5.
No VL logic power supply required.
6.
SOT-23 package.


Similar Part No. - ADG1201BRJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Nov-2004
ADG1204 AD-ADG1204 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection
REV. B
ADG1204YCP AD-ADG1204YCP Datasheet
453Kb / 16P
2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Nov-2004
ADG1204YCPZ-500RL7 AD-ADG1204YCPZ-500RL7 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1204YCPZ-REEL7 AD-ADG1204YCPZ-REEL7 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
More results

Similar Description - ADG1201BRJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Nov-2004
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Nov-2004
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com