Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L4920 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4920
Description  VERY LOWDROP ADJUSTABLE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4920 Datasheet(HTML) 3 Page - STMicroelectronics

  L4920 Datasheet HTML 1Page - STMicroelectronics L4920 Datasheet HTML 2Page - STMicroelectronics L4920 Datasheet HTML 3Page - STMicroelectronics L4920 Datasheet HTML 4Page - STMicroelectronics L4920 Datasheet HTML 5Page - STMicroelectronics L4920 Datasheet HTML 6Page - STMicroelectronics L4920 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
(*) Foldback protection.
Note :
1. Design limits are guaranteed (but not 100% production tested) over the indicated temperatu re and supply voltage
ranges. These limits are not used to calculate outgoing quality levels.
ELECTRICAL CHARACTERISTICS (forVI =14.4V,TJ =25
°C,VO = 5V,CO =100µF,unlessOtherwiseSpeci-
fied)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VI
Operating Input Voltage
VO
≥ 4.5V, IO = 400mA
VO + 0.7
26
V
VREF
≤ VO < 4.5V, IO = 400mA
5.2
26
V
VREF
Reference Voltage
5.2V < VI < 26V
5mA
≤ IO ≤ 400mA (*)
1.20
1.25
1.30
V
∆VO
Line Regulation
VO +1V < VI < 26V, VO
≥ 4.5V
IO = 5mA
1
10
mV/V
∆VO
Load Regulation
5mA
≤ IO ≤ 400mA (*) VO ≥ 4.5V
3
15
mV/V
VD
Dropout Voltage
IO = 10mA
IO = 150mA
IO = 400mA
0.05
0.2
0.4
0.4
0.7
V
V
V
IQ
Quiescent Current
IO = 0mA
VO +1V < VI <26V
0.8
2
mA
IO = 400mA (*)
VO +1V < VI <26V
65
90
mA
IO
Maximal Output Current
800
mA
IOSC
Short Circuit Output Current (*)
350
500
mA
(* ) F oldback pr otection
ELECTRICAL CHARACTERISTICS (for VI = 14.4V,–40
≤ TJ ≤ 125°C (note1), VO = 5V,CO =100µF, unless
Otherwise Specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VI
Operating Input Voltage
VO
≥ 4.5V, IO = 400mA
VO + 0.9
26
V
VREF
≤ VO < 4.5V, IO = 400mA
5.2
26
V
VREF
Reference Voltage
5.4V < VI < 26V
1.17
1.25
1.33
V
∆VO
Line Regulation
VO + 1.2V < VI < 26V, VO
≥ 4.5V
IO = 5mA
2
15
mV/V
∆VO
Load Regulation
5mA
≤ IO ≤ 400mA (*) VO ≥ 4.5V
5
25
mV/V
VD
Dropout Voltage
IO = 150mA
IO = 400mA
0.2
0.4
0.4
0.7
V
V
IQ
Quiescent Current
IO = 0mA
VO + 1.2V < VI <26V
1,2
3
mA
IO = 400mA (*)
VO + 1.2V < VI <26V
80
140
mA
IO
Maximal Output Current
870
mA
IOSC
Short Circuit Output Current (*)
230
500
mA
L4920/L4921
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com