Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7566ASTZF16 Datasheet(PDF) 81 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 81 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 77Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 78Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 79Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 80Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 81Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 82Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 83Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 84Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 81 of 144
Program Control Register (PCON, 0x87)
STANDARD 8052 SFRS
The 8052 core defines two power-down modes: power down
and idle. The ADE7566/ADE7569/ADE7166/ADE7169
enhance the power control capability of the traditional 8052
MCU with additional power management functions. The Power
Control SFR (POWCON, 0xC5) is used to define power
control-specific functionality for the ADE7566/ADE7569/
ADE7166/ADE7169. The Program Control SFR (PCON, 0x87) is
not bit addressable. See the
The standard 8052 special function registers include the
Accumulator, B, PSW, DPTR, and SP SFRs described in the
Basic 8052 Registers section. The standard 8052 SFRs also
define timers, the serial port interface, interrupts, I/O ports,
and power-down modes.
Timer SFRs
The 8052 contains three 16-bit timers: the identical Timer0 and
Timer1, as well as a Timer2. These timers can also function as
event counters. Timer2 has a capture feature where the value of
the timer can be captured in two 8-bit registers upon the
assertion of an external input signal (see
Power Management section.
The ADE7566/ADE7569/ADE7166/ADE7169 have many other
peripherals not standard to the 8052 core, including
ADE energy measurement DSP
Table 102 and the
Timers section).
RTC
LCD driver
Serial Port SFRs
Battery switchover/power management
The full-duplex serial port peripheral requires two registers,
one for setting up the baud rate and other communication
parameters, and another for the transmit/receive buffer. The
ADE7566/ADE7569/ADE7166/ADE7169 also have enhanced
serial port functionality with a dedicated timer for baud rate
generation with a fractional divisor and additional error
detection. See
Temperature ADC
Battery ADC
SPI/I2C communication
Flash memory controller
Watchdog timer
Table 131 and the UART Serial Interface section.
MEMORY OVERVIEW
Interrupt SFRs
The ADE7566/ADE7569/ADE7166/ADE7169 contain the
following memory blocks:
There is a two-tiered interrupt system standard in the 8052 core.
The priority level for each interrupt source is individually
selectable as high or low. The ADE7566/ADE7569/ADE7166/
ADE7169 enhance this interrupt system by creating, in essence,
a third interrupt tier for a highest priority, the power supply
management interrupt (PSM). See the
16 kB of on-chip Flash/EE program and data memory
256 bytes of general-purpose RAM
256 bytes of internal extended RAM (XRAM)
Interrupt System section.
The 256 bytes of general-purpose RAM share the upper 128 bytes
of its address space with special function registers. All of the
memory spaces are shown in
I/O Port SFRs
Figure 80. The addressing mode
specifies which memory space to access.
The 8052 core supports four I/O ports, Port 0 through Port 3,
where Port 0 and Port 2 are typically used to access external
code and data spaces. The ADE7566/ADE7569/ADE7166/
ADE7169, unlike standard 8052 products, provide internal
nonvolatile flash memory so that an external code space is
unnecessary. The on-chip LCD driver requires many pins, some
of which are dedicated for LCD functionality, and others that
can be configured as LCD or general-purpose inputs/outputs.
Due to the limited number of I/O pins, the ADE7566/ADE7569/
ADE7166/ADE7169 do not allow access to external code and
data spaces.
General-Purpose RAM
General-purpose RAM resides in the 0x00 through 0xFF
memory locations. It contains the register banks.
11
10
01
00
RESET VALUE OF
STACK POINTER
FOUR BANKS OF EIGHT
REGISTERS R0 TO R7
BIT-ADDRESSABLE
(BIT ADDRESSES)
GENERAL-PURPOSE
AREA
BANKS
SELECTED
VIA
BITS IN PSW
0x00
0x08
0x10
0x18
0x20
0x30
0x07
0x0F
0x17
0x1F
0x2F
0x7F
The ADE7566/ADE7569/ADE7166/ADE7169 provide 20 pins
that can be used for general-purpose I/O. These pins are mapped
to Port 0, Port 1, and Port 2. They are accessed through three bit-
addressable 8052 SFRs, P0, P1, and P2. Another enhanced
feature of the ADE7566/ADE7569/ADE7166/ADE7169 is that
the weak pull-ups standard on 8052 Port 1, Port 2, and Port 3
can be disabled to make open drain outputs, as is standard on
Port 0. The weak pull-ups can be enabled on a pin-by-pin basis.
See the I/O Ports section.
Figure 82. Lower 128 Bytes of Internal Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com