Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2484 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2484
Description  DIRECT QUADRATURE MODULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2484 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2484 Datasheet HTML 1Page - RF Micro Devices RF2484 Datasheet HTML 2Page - RF Micro Devices RF2484 Datasheet HTML 3Page - RF Micro Devices RF2484 Datasheet HTML 4Page - RF Micro Devices RF2484 Datasheet HTML 5Page - RF Micro Devices RF2484 Datasheet HTML 6Page - RF Micro Devices RF2484 Datasheet HTML 7Page - RF Micro Devices RF2484 Datasheet HTML 8Page - RF Micro Devices RF2484 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RF2484
Rev A7 DS061115
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +7.5
V
DC
Input LO and RF Levels
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
LO Input
T=25°C, VCC=5V, VREF=4.1V; I and Q driven
single-ended
Frequency Range
800
2500
MHz
Power Level
-6
+6
dBm
Input Impedance
45-j95
Ω
At 880MHz
52-j54
Ω
At 1960MHz
58-j50
Ω
At 2140MHz
63-j40
Ω
At 2400MHz
Modulation Input
Frequency Range
DC
250
MHz
Reference Voltage (VREF)4.1
V
Input Resistance
30
k
Ω
Input Bias Current
40
μA
RF Output (880MHz)
LO= -5dBm at 880MHz; Single sideband test-
ing unless otherwise noted
CDMA Output Channel Power
-12
dBm
For ACPR=-72dBc; I&Q Amplitude=1.1VPP
(single-ended)
CDMA ACPR
-72
dBc
Channel Power=-12dBm; see Test Setup for
detailed information
Carrier Suppression
50
dBc
T=25°C; POUT=-10dBm; optimized I,Q DC off-
sets
Carrier Suppression
over Temperature
35
dBc
Temperature cycled from -40°C to +85°C after
optimization at T=25°C; POUT=-10dBm
Sideband Suppression
50
dBc
T=25°C; POUT=-10dBm; optimized I,Q ampli-
tude and phase balance
Sideband Suppression
over Temperature
35
dBc
Temperature cycled from -40°C to +85°C after
optimization at T=25°C; POUT=-10dBm
Broadband Noise Floor
-152.5
dBm/Hz
At 20MHz offset, 30kHz res BW, VCC=5V; ISIG,
QSIG, IREF, and QREF tied to VREF
EVM
2.3
%
See Test Setup for detailed information
Phase Error
1
° RMS
See Test Setup for detailed information
Rho
.9993
See Test Setup for detailed information
Output Impedance
28-j72
Ω
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com