Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L4953G Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4953G
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4953G Datasheet(HTML) 4 Page - STMicroelectronics

  L4953G Datasheet HTML 1Page - STMicroelectronics L4953G Datasheet HTML 2Page - STMicroelectronics L4953G Datasheet HTML 3Page - STMicroelectronics L4953G Datasheet HTML 4Page - STMicroelectronics L4953G Datasheet HTML 5Page - STMicroelectronics L4953G Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ELECTRICAL CHARACTERISTICS (continued)
FAULT
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
TH fault
Fault Threshold
7
8.5
V
HYSTfault
Fault Threshold Hysteresis
100
200
400
mV
OUTfault
Fault Output Voltage
1.5
V
Ileak
Fault Leakage Current
50
µA
RESET
THON reset
Reset ON Threshold
MIN @ VMEM = 4.75V
MAX @ VMEM = 5.25V
0.938
0.97
Vst-by
THOFF reset
Reset OFF Threshold
0.97
0.99
Vst-by
HYST reset
Reset Threshold Hysteresis
75
175
300
mV
OUT reset
Reset Output Voltage
ILOAD = 2mA
1.5
V
Ileak
Reset Leakage Current
5.0
µA
IGNITION
TH ign
Ign Comparator Positive
Threshold
5.5
6
7.5
V
HYST ign
Ign Comparator Threshold
Hysteresis
100
300
500
mV
IGN high
Ignition Comparator Output
High
3.5
Vst-by
V
IGN low
Ignition Comparator Output Low
–0.5
1.5
V
L4953G
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com