Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4875 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4875
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4875 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM4875 Datasheet HTML 23Page - National Semiconductor (TI) LM4875 Datasheet HTML 24Page - National Semiconductor (TI) LM4875 Datasheet HTML 25Page - National Semiconductor (TI) LM4875 Datasheet HTML 26Page - National Semiconductor (TI) LM4875 Datasheet HTML 27Page - National Semiconductor (TI) LM4875 Datasheet HTML 28Page - National Semiconductor (TI) LM4875 Datasheet HTML 29Page - National Semiconductor (TI) LM4875 Datasheet HTML 30Page - National Semiconductor (TI) LM4875 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Application Information (Continued)
TABLE 5. Mixer and Output Mode Control
Mode CD3
CD2
CD1 CD0
Mono
Line Out
Mono Earpiece
Loudspeaker
L
Loudspeaker
R
Headphone
L
Headphone
R
(CD4 = 0)
(CD4 =
1)
0
0
0
0
0
SD
SD
SD
SDSDSD
SD
1
0
0
0
1
MUTE
(G
M x M)
2(G
M x
M)
SD
SD
MUTE
MUTE
2
0
0
1
0
MUTE
SD
SD
2(G
M x M)
2(G
M x M)
MUTE
MUTE
3
0
0
1
1
MUTE
SD
SD
2(G
M x M)
2(G
M xM)
(G
M xM)
(G
M xM)
4
0
1
0
0
MUTE
SD
SD
SD
SD
(G
M xM)
(G
M xM)
5
010
1
(G
M x M)
SD
SD
SD
SD
MUTE
MUTE
6
0
1
1
0
MUTE
(G
L xL)+
(G
R xR)
2(G
L x
L) +
2(G
R x
R)
SD
SD
MUTE
MUTE
7
0
1
1
1
MUTE
SD
SD
2(G
L x L)
2(G
R x R)
MUTE
MUTE
8
1
0
0
0
MUTE
SD
SD
2(G
L x L)
2(G
R xR)
(G
L xL)
(G
R xR)
9
1
0
0
1
MUTE
SD
SD
SD
SD
(G
L xL)
(G
R xR)
10
101
0
(G
L xL)+
(G
R xR)
SD
SD
SD
SD
MUTE
MUTE
11
1
0
1
1
MUTE
(G
M xM)+
(G
L xL)+
(G
R xR)
2(G
M x
M) +
2(G
L x
L)
+2(G
R x
R)
SD
SD
MUTE
MUTE
12
1
1
0
0
MUTE
SD
SD
2(G
L xL)+
2(G
M xM)
2(G
R xR)+
2(G
M xM)
MUTE
MUTE
13
1
1
0
1
MUTE
SD
SD
2(G
L xL)+
2(G
M xM)
2(G
R xR)+
2(G
M xM)
(G
L xL)+
(G
M xM)
(G
R xR)+
(G
M xM)
14
1
1
1
0
MUTE
SD
SD
SD
SD
(G
L xL)+
(G
M xM)
(G
R xR)+
(G
M xM)
15
111
1
(G
M xM)
+(G
L xL)
+(G
R xR)
SD
SD
SD
SD
MUTE
MUTE
M-MIN Input Level
L- LIN Input Level
R-RIN Input Level
GM - Mono Volume Control Gain
GL - Left Stereo Volume Control Gain
GR - Right Stereo Volume Control Gain
SD - Shutdown
MUTE - Mute
TABLE 6. National 3D Enhancement
LD5
0
Loudspeaker National 3D Off
1
Loudspeaker National 3D On
RD5
0
Headphone National 3D Off
1
Headphone National 3D On
TABLE 7. Wake-up Time Select
CD5
0
Fast Wake-up Setting
1
Slow Wake-up Setting
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com