Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L4978D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4978D
Description  2A STEP DOWN SWITCHING REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4978D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4978D Datasheet HTML 3Page - STMicroelectronics L4978D Datasheet HTML 4Page - STMicroelectronics L4978D Datasheet HTML 5Page - STMicroelectronics L4978D Datasheet HTML 6Page - STMicroelectronics L4978D Datasheet HTML 7Page - STMicroelectronics L4978D Datasheet HTML 8Page - STMicroelectronics L4978D Datasheet HTML 9Page - STMicroelectronics L4978D Datasheet HTML 10Page - STMicroelectronics L4978D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
0
5 10 15 20 25 30 35 40 45 50 VCC(V)
90.0
92.5
95.0
97.5
100.0
102.5
105.0
107.5
fsw
(KHz)
D97IN735
Tj=25
°C
Figure 9. Switching Frequency vs. input
voltage.
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
60
65
70
75
80
85
90
95
Io [A]
η [%]
Vcc=8V
Vcc=12V
Vcc=24V
Vcc=48V
Vo=3.36V
fsw=100kHz
Figure 14. Efficiency vs. output current.
0
5
10
15
20
25
30
80
82
84
86
88
90
92
94
96
98
Vo [V]
η [%]
fsw=100kHz
fsw=200kHz
Vcc=35V
Io=2A
Figure 12. Efficiency vs output voltage.
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
IO(A)
1.6 1.8
0.0
0.1
0.2
0.3
0.4
0.5
∆V
(V)
0.6
0.7
Tj=25
°C
Tj=125
°C
D98IN836
Tj=-25
°C
Figure 11. Dropout voltage between pin 5
and 4.
Vcc=12V
Vcc=8V
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
60
65
70
75
80
85
90
95
Io [A]
η [%]
Vcc=8V
Vcc=12V
Vcc=24V
Vcc=48V
fsw=100kHz
Vo=5.1V
Figure 13. Efficiencyvs. output current.
-50
0
50
100
Tj(
°C)
90
95
100
105
fsw
(KHz)
D97IN785
Figure 10. Switching frequency vs. junction
temperature.
L4978
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com