Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC12048 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12048
Description  12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12048 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC12048 Datasheet HTML 17Page - National Semiconductor (TI) ADC12048 Datasheet HTML 18Page - National Semiconductor (TI) ADC12048 Datasheet HTML 19Page - National Semiconductor (TI) ADC12048 Datasheet HTML 20Page - National Semiconductor (TI) ADC12048 Datasheet HTML 21Page - National Semiconductor (TI) ADC12048 Datasheet HTML 22Page - National Semiconductor (TI) ADC12048 Datasheet HTML 23Page - National Semiconductor (TI) ADC12048 Datasheet HTML 24Page - National Semiconductor (TI) ADC12048 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Typical Performance Characteristics (See (Note 21), Electrical Characteristic Section)
Supply Currents vs. Clock Frequency
Reference Currents vs. Clock Frequency
01238742
01238743
Analog Supply Current vs. Temperature
Digital Supply Current vs. Temperature
01238744
01238745
Full Scale Differential 1,099 Hz
Sine Wave Input
Full Scale Differential 18,677 Hz
Sine Wave Input
01238726
01238727
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com