Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC12130CIWMX Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12130CIWMX
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12130CIWMX Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button ADC12130CIWMX Datasheet HTML 25Page - National Semiconductor (TI) ADC12130CIWMX Datasheet HTML 26Page - National Semiconductor (TI) ADC12130CIWMX Datasheet HTML 27Page - National Semiconductor (TI) ADC12130CIWMX Datasheet HTML 28Page - National Semiconductor (TI) ADC12130CIWMX Datasheet HTML 29Page - National Semiconductor (TI) ADC12130CIWMX Datasheet HTML 30Page - National Semiconductor (TI) ADC12130CIWMX Datasheet HTML 31Page - National Semiconductor (TI) ADC12130CIWMX Datasheet HTML 32Page - National Semiconductor (TI) ADC12130CIWMX Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Application Information
1.0 DIGITAL INTERFACE
1.1 Interface Concepts
The example in Figure 7 shows a typical sequence of events
after the power is applied to the ADC12130/2/8:
The first instruction input to the A/D via DI initiates Auto Cal.
The data output on DO at that time is meaningless and is
completely random. To determine whether the Auto Cal has
been completed, a read status instruction is issued to the
A/D. Again the data output at that time has no significance
since the Auto Cal procedure modifies the data in the output
shift register. To retrieve the status information, an additional
read status instruction is issued to the A/D. At this time the
status data is available on DO. If the Cal signal in the status
word, is low Auto Cal has been completed. Therefore, the
next instruction issued can start a conversion. The data
output at this time is again status information. To keep noise
from corrupting the A/D conversion, status can not be read
during a conversion. If CS is strobed and is brought low
during a conversion, that conversion is prematurely ended.
EOC can be used to determine the end of a conversion or
the A/D controller can keep track in software of when it would
be appropriate to communicate to the A/D again. Once it has
been determined that the A/D has completed a conversion,
another instruction can be transmitted to the A/D. The data
from this conversion can be accessed when the next instruc-
tion is issued to the A/D.
Note, when CS is low continuously it is important to transmit
the exact number of SCLK cycles, as shown in the timing
diagrams. Not doing so will desynchronize the serial com-
munication to the A/D. (See Section 1.3.)
1.2 Changing Configuration
The configuration of the ADC12130/2/8 on power up defaults
to 12-bit plus sign resolution, 12- or 13-bit MSB First, 10
CCLK acquisition time, user mode, no Auto Cal, no Auto
Zero, and power up mode. Changing the acquisition time
and turning the sign bit on and off requires an 8-bit instruc-
tion to be issued to the ADC. This instruction will not start a
conversion. The instructions that select a multiplexer ad-
dress and format the output data do start a conversion.
Figure 8 describes an example of changing the configuration
of the ADC12130/2/8.
During I/O sequence 1, the instruction on DI configures the
ADC12130/2/8 to do a conversion with 12-bit +sign resolu-
tion. Notice that when the 6 CCLK Acquisition and Data Out
without Sign instructions are issued to the ADC, I/O se-
quences 2 and 3, a new conversion is not started. The data
output during these instructions is from conversion N which
was started during I/O sequence 1. The Configuration Modi-
fication timing diagram describes in detail the sequence of
events necessary for a Data Out without Sign, Data Out with
Sign, or 6/10/18/34 CCLK Acquisition time mode selection.
Table 4 describes the actual data necessary to be input to
the ADC to accomplish this configuration modification. The
next instruction, shown in Figure 8, issued to the A/D starts
conversion N+1 with 16-bit format and 12 bits of resolution
formatted MSB first. Again the data output during this I/O
cycle is the data from conversion N.
The number of SCLKs applied to the A/D during any conver-
sion I/O sequence should vary in accord with the data out
word format chosen during the previous conversion I/O se-
quence. The various formats and resolutions available are
shown in Table 1.In Figure 8, since 16-bit without sign MSB
first format was chosen during I/O sequence 4, the number
of SCLKs required during I/O sequence 5 is 16. In the
following I/O sequence the format changes to 12-bit without
sign MSB first; therefore the number of SCLKs required
during I/O sequence 6 changes accordingly to 12.
1.3 CS Low Continuously Considerations
When CS is continuously low, it is important to transmit the
exact number of SCLK pulses that the ADC expects. Not
doing so will desynchronize the serial communications to the
ADC. When the supply power is first applied to the ADC, it
will expect to see 13 SCLK pulses for each I/O transmission.
The number of SCLK pulses that the ADC expects to see is
the same as the digital output word length. The digital output
word length is controlled by the Data Out (DO) format. The
DO format maybe changed any time a conversion is started
or when the sign bit is turned on or off. The table below
details out the number of clock periods required for different
DO formats:
DO Format
Number of
SCLKs
Expected
12-Bit MSB or LSB First
SIGN OFF
12
SIGN ON
13
16-Bit MSB or LSB first
SIGN OFF
16
SIGN ON
17
If erroneous SCLK pulses desynchronize the communica-
tions, the simplest way to recover is by cycling the power
supply to the device. Not being able to easily resynchronize
the device is a shortcoming of leaving CS low continuously.
The number of clock pulses required for an I/O exchange
may be different for the case when CS is left low continu-
ously vs. the case when CS is cycled. Take the I/O sequence
detailed in Figure 7 (Typical Power Supply Sequence) as an
example. The table below lists the number of SCLK pulses
required for each instruction:
Instruction
CS Low
Continuously
CS Strobed
Auto Cal
13 SCLKs
8 SCLKs
Read Status
13 SCLKs
8 SCLKs
Read Status
13 SCLKs
8 SCLKs
12-Bit + Sign Conv 1
13 SCLKs
8 SCLKs
12-Bit + Sign Conv 2
13 SCLKs
13 SCLKs
1.4 Analog Input Channel Selection
The data input on DI also selects the channel configuration
(see Table 2, Table 3 and Table 4). In Figure 8 the only times
when the channel configuration could be modified would be
during I/O sequences 1, 4, 5 and 6. Input channels are
reselected before the start of each new conversion. Shown
01207932
FIGURE 7. Typical Power Supply Power Up Sequence
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com