Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118707-2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 2118707-2
Description  Standard and Custom Board Level Shielding
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118707-2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  2118707-2 Datasheet HTML 1Page - TE Connectivity Ltd 2118707-2 Datasheet HTML 2Page - TE Connectivity Ltd 2118707-2 Datasheet HTML 3Page - TE Connectivity Ltd 2118707-2 Datasheet HTML 4Page - TE Connectivity Ltd 2118707-2 Datasheet HTML 5Page - TE Connectivity Ltd 2118707-2 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CUSTOMIZED SOLUTIONS
SHARED FEATURES OF TWO PIECE AND ONE PIECE SHIELDS
Basic shapes have been defined to enable 24-hour generation of 2D and 3D drawings, as well as
efficient, rapid prototyping within 72 hours.
• 2 Piece solution, (min 0.90mm height)
• 1 Piece solution, (min 0.50mm height)
• Common materials and thicknesses
• Use of common, proven design features
ONE PIECE PRODUCT FEATURES:
One Piece: Formed
• Pitch of solder barriers: 3.0mm min
• Material: Nickel silver, galvanized & pre-plated CRS *
• Material thickness: 0.10mm min
• Inner bending radius: 0.10mm min
• Co-planarity: 0.08mm, size dependent
• Height: min 0.50mm
o locking holes
o SMT (castellations)
o thru holes
o corner shape
o bending radii
o pins/tab
o carrier attachment
o pick and place features
Rectangle
Pentagon
L-Shape
Pick and place
One Piece: Deep Drawn
• Material: Nickel silver, galvanized steel *
• Material thickness: 0.15mm min
• Co-planarity: 0.1mm, size dependent
• Height: max 3.00mm
* Other material may be available, please consult with your TE representative.
SMT castellations
Locking holes
Standard and Custom Board Level Shielding
DATA AND DEVICES /// STANDARD AND CUSTOM BOARD LEVEL SHIELDING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com