Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118708-2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 2118708-2
Description  Standard and Custom Board Level Shielding
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118708-2 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  2118708-2 Datasheet HTML 1Page - TE Connectivity Ltd 2118708-2 Datasheet HTML 2Page - TE Connectivity Ltd 2118708-2 Datasheet HTML 3Page - TE Connectivity Ltd 2118708-2 Datasheet HTML 4Page - TE Connectivity Ltd 2118708-2 Datasheet HTML 5Page - TE Connectivity Ltd 2118708-2 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ON DEMAND OR AT YOUR COMMAND
Whether you need a custom design or an off-the-shelf solution that is immediately available, we’ve
got you covered. Our new standard BLS portfolio is available in both industry-standard cold rolled
steel (CRS) and aluminum material. Aluminum offers enhanced benefits which include:
TE CONNECTIVITY BLS ADVANTAGE
• NEW standard portfolio on-demand in CRS and aluminum material
• Proven designed-in features
• Core competencies of stamping, plating and automation for more than 50 years
• Rapid turn tooling/prototyping within each region (3-5 day)
• Streamlined, automated and continuous production line
• Local FAE support
• Complex custom high volume support
• In house EMI expertise
• One of the largest suppliers of connectivity solutions addressing a range of industries
• Global scale and low cost manufacturing
• Broad portfolio enables vendor reduction for your project
DESIGN DIMENSIONS *
• Minimum size: 5mm(L) x 5mm(W) x 0.80mm(H)
• Maximum size: 100mm(L) x 100mm(W) x 5mm(H)
PACKAGING
• Tape & reel
• Vacuum formed tray
* Contact TE for other size requirements.
Improved Thermal Conductivity
– Aluminum can provide up to 5 times better
thermal conductivity than CRS
Weight Savings
– Aluminum is 1/3 the density of CRS material
while still offering similar EMI suppression
APPLICATIONS:
Anywhere board level EMI suppression is needed, including:
• Mobile phones & Tablets
• 2-in-1 notebooks
• Game consoles
• Routers (commercial & enterprise)
• Point of Sale (POS) equipment
• Wireless meters
• Wireless speakers
• Wearables & IoT
• Drones
• Virtual Reality (VR) headsets
• Femto cell
• Servers
Standard and Custom Board Level Shielding
DATA AND DEVICES /// STANDARD AND CUSTOM BOARD LEVEL SHIELDING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com