Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM82 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM82 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM82 Datasheet HTML 1Page - National Semiconductor (TI) LM82 Datasheet HTML 2Page - National Semiconductor (TI) LM82 Datasheet HTML 3Page - National Semiconductor (TI) LM82 Datasheet HTML 4Page - National Semiconductor (TI) LM82 Datasheet HTML 5Page - National Semiconductor (TI) LM82 Datasheet HTML 6Page - National Semiconductor (TI) LM82 Datasheet HTML 7Page - National Semiconductor (TI) LM82 Datasheet HTML 8Page - National Semiconductor (TI) LM82 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Pin Descriptions
Label
Pin #
Function
Typical Connection
NC
1, 5
floating, unconnected
Left floating. PC board traces may be routed
through the pads for these pins. No restrictions
applied.
V
CC
2
Positive Supply Voltage
Input
DC Voltage from 3.0 V to 3.6 V
D+
3
Diode Current Source
To Diode Anode. Connected to remote discrete
diode junction or to the diode junction on a remote
IC whose die temperature is being sensed. When
not used they should be left floating.
D−
4
Diode Return Current Sink
To Diode Cathode. Must float when not used.
ADD0–ADD1
10, 6
User-Set SMBus (I
2C)
Address Inputs
Ground (Low, “0”), V
CC (High, “1”) or open
(“TRI-LEVEL”)
GND
7, 8
Power Supply Ground
Ground
NC
9, 13, 15
Manufacturing test pins.
Left floating. PC board traces may be routed
through the pads for these pins, although the
components that drive these traces should share the
same supply as the LM82 so that the Absolute
Maximum Rating, Voltage at Any Pin, is not violated.
INT
11
Interrupt Output,
open-drain
Pull Up Resistor, Controller Interrupt or Alert Line
SMBData
12
SMBus (I
2C) Serial
Bi-Directional Data Line,
open-drain output
From and to Controller, Pull-Up Resistor
SMBCLK
14
SMBus (I
2C) Clock Input
From Controller, Pull-Up Resistor
T_CRIT_A
16
Critical Temperature
Alarm, open-drain output
Pull Up Resistor, Controller Interrupt Line or System
Shutdown
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com