Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6285 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6285
Description  3 CHANNELS MULTIPOWER SYSTEM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6285 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6285 Datasheet HTML 5Page - STMicroelectronics L6285 Datasheet HTML 6Page - STMicroelectronics L6285 Datasheet HTML 7Page - STMicroelectronics L6285 Datasheet HTML 8Page - STMicroelectronics L6285 Datasheet HTML 9Page - STMicroelectronics L6285 Datasheet HTML 10Page - STMicroelectronics L6285 Datasheet HTML 11Page - STMicroelectronics L6285 Datasheet HTML 12Page - STMicroelectronics L6285 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CHC DC Motor Driver
The DC motor driver is a DMOS full bridge with a
PWM Open Loop Voltage Control. Fig.5 shows
the theory of operation. The Cosc Capacitor is
charged by a constant current source. The oscil-
lating voltage value is from 0V to the V1 level in-
ternally fixed at V1 = 2/3 VS. The output duty cy-
cle is controlled by the V2 voltage. The opera-
tional range of V2 is from 200mV to V1. Fig.3
shows the DMOS status during PWM: tON and
tOFF bridge configurations. While the PWM Duty
Cycle defines the motor speed (not controlled
since the loop is open),the logic level of IN1 and
IN2 can choose the direction of the motor.
Figure.5: DC Motor Driver CHC
L6285
9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com