Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6285S Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6285S
Description  3 CHANNELS MULTIPOWER SYSTEM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6285S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6285S Datasheet HTML 4Page - STMicroelectronics L6285S Datasheet HTML 5Page - STMicroelectronics L6285S Datasheet HTML 6Page - STMicroelectronics L6285S Datasheet HTML 7Page - STMicroelectronics L6285S Datasheet HTML 8Page - STMicroelectronics L6285S Datasheet HTML 9Page - STMicroelectronics L6285S Datasheet HTML 10Page - STMicroelectronics L6285S Datasheet HTML 11Page - STMicroelectronics L6285S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
These two channels drive two unipolar stepper
motors in chopping mode. The basic channel con-
figuration is shown in Fig 4. by considering well
known the PWM Current Control Loop behaviour
here below only particular trick are underlined.
During DM3 off period the low side DMOS DM1
and DM2 are switched on to reduce the power
dissipation.
The drain overvoltages generated because of the
stray inductance of the motor windings are limited
by connecting the DZ1 external zener diode to the
clamp pin.. The diodes CL1 and CL2 are inte-
grated as far as the CL3 diode which limits the
negative voltage at pin COM1.2. An internal RC
network (1
µs) is realized to filter the sensing re-
sistor signal.
Figure.4: Unipolar motor driver CHA (or CHB)
L6285
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com