Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EL2125 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL2125
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125 Datasheet(HTML) 4 Page - Intersil Corporation

  EL2125_07 Datasheet HTML 1Page - Intersil Corporation EL2125_07 Datasheet HTML 2Page - Intersil Corporation EL2125_07 Datasheet HTML 3Page - Intersil Corporation EL2125_07 Datasheet HTML 4Page - Intersil Corporation EL2125_07 Datasheet HTML 5Page - Intersil Corporation EL2125_07 Datasheet HTML 6Page - Intersil Corporation EL2125_07 Datasheet HTML 7Page - Intersil Corporation EL2125_07 Datasheet HTML 8Page - Intersil Corporation EL2125_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN7045.3
May 4, 2007
VN
Voltage Noise Spectral Density
10kHz
0.95
nV/
√Hz
IN
Current Noise Spectral Density
10kHz
2.1
pA/
√Hz
HD2
2nd Harmonic Distortion (Note 6)
-73
dBc
HD3
3rd Harmonic Distortion
-96
dBc
NOTES:
4. Measured by moving the supplies from ±13.5V to ±16.5V
5. Pulse test only
6. Frequency = 1MHz, VOUT = 2VP-P, into 500Ω and 5pF load
Electrical Specifications
VS = ±15V, TA = +25°C, RF = 180Ω, RG = 20Ω, RL = 500Ω unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 2. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 3. INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 4. INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
5
-5
1M
10M
100M
FREQUENCY (Hz)
0
VS = ±5V
AV = 10
RL = 500Ω
CL = 5pF
200M
RF = 1kΩ
RF = 499Ω
RF = 180Ω
RF = 100Ω
5
0
-5
1M
10M
100M
FREQUENCY (Hz)
VS = ±15V
AV = 10
RL = 500Ω
CL = 5pF
300M
RF = 1kΩ
RF = 180Ω
RF = 700Ω
RF = 100Ω
RF = 499Ω
6
2
-2
-6
-10
-14
1M
10M
100M
300M
FREQUENCY (Hz)
VS = ±5V
AV = -10
RL = 560Ω
CL = 5pF
RF = 1kΩ
RF = 350Ω
RF = 200Ω
RF = 97.6Ω
RF = 499Ω
6
2
-2
-6
-10
-14
1M
10M
100M
300M
FREQUENCY (Hz)
VS = ±15V
AV = -10
RL = 500Ω
CL = 5pF
RF = 1kΩ
RF = 350Ω
RF = 200Ω
RF = 499Ω
RF = 97.6Ω
EL2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com