Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6377 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6377
Description  0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6377 Datasheet(HTML) 5 Page - STMicroelectronics

  L6377 Datasheet HTML 1Page - STMicroelectronics L6377 Datasheet HTML 2Page - STMicroelectronics L6377 Datasheet HTML 3Page - STMicroelectronics L6377 Datasheet HTML 4Page - STMicroelectronics L6377 Datasheet HTML 5Page - STMicroelectronics L6377 Datasheet HTML 6Page - STMicroelectronics L6377 Datasheet HTML 7Page - STMicroelectronics L6377 Datasheet HTML 8Page - STMicroelectronics L6377 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC OPERATION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tr -tf
2
Rise or Fall Time
Vs = 24V; Rl =70
Ω
Rl to ground
20
µs
td
Delay Time
5
µs
dV/dt
Slew Rate (Rise and Fall
Edge)
Vs = 24V; Rl =70
Ω
Rl to ground
0.7
1
1.5
V/
µs
tON
5
On time during Short
Circuit Condition
50pF < CDON < 2nF
1.28
µs/pF
tOFF
Off time during Short
Circuit Condition
64
tON
fmax
Maximum Operating
Frequency
25
kHz
SOURCE DRAIN NDMOS DIODE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vfsd
Forward On Voltage
Ifsd = 625mA
1
1.5
V
Ifp
Forward Peak Current
tp = 10ms; duty cycle = 20%
1.5
A
trr
Reverse Recovery Time
Ifsd = 500mA; dIfsd/dt = 25A/
µs
200
ns
tfr
Forward Recovery Time
50
ns
50%
50%
td
td
t
90%
90%
10%
10%
tf
tr
t
Vin
Vout
D94IN127A
50%
50%
Figure 2: Switching Waveforms
Vs
D94IN126A
Vsth
Vshys
Figure 1: Undervoltage Comparator Hysteresis
L6377
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com