Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6560 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6560
Description  POWER FACTOR CORRECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6560 Datasheet(HTML) 1 Page - STMicroelectronics

  L6560 Datasheet HTML 1Page - STMicroelectronics L6560 Datasheet HTML 2Page - STMicroelectronics L6560 Datasheet HTML 3Page - STMicroelectronics L6560 Datasheet HTML 4Page - STMicroelectronics L6560 Datasheet HTML 5Page - STMicroelectronics L6560 Datasheet HTML 6Page - STMicroelectronics L6560 Datasheet HTML 7Page - STMicroelectronics L6560 Datasheet HTML 8Page - STMicroelectronics L6560 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
L6560
L6560A
POWER FACTOR CORRECTOR
VERY PRECISE ADJUSTABLE INTERNAL
OUTPUT OVERVOLTAGE PROTECTION
HYSTERETIC START-UP
(ISTART-UP < 0.5mA)
VERY LOW QUIESCENT CURRENT
(< 3.5mA)
INTERNAL START-UP TIMER
TRANSITION MODE OPERATING
TOTEM POLE OUTPUT CURRENT:
±400mA
DIP8/SO8 PACKAGES
DESCRIPTION
The L6560/A is a monolithic integrated circuit in
Minidip and SO8 packages, designed as a con-
troller and driver of a discrete power MOS transis-
tor for the implementation of active power factor
correction, for sinusoidal line current consump-
tion.
Realized in mixed BCD technology, the chip inte-
grates:
- An undervoltage lockout with micropower start-
up and hysteresis.
- An internal temperature compensated precise
band gap reference.
- A stable error amplifier.
- One quadrant multiplier.
- Current sense comparator.
- An output overvoltage protection circuit.
- A totem-pole output stage able to drive a
POWER MOS or IGBT devices with source
and sink current of 400mA. The chip works in
transition mode and is particularly intended
for lamp ballast applications and for low
power SMPS.
June 2000
®
BLOCK DIAGRAM
ORDERING NUMBERS:
L6560
L6560D
L6560A
L6560AD
Minidip
SO8
MULTIPOWER BCD TECHNOLOGY
1/11


Similar Part No. - L6560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6561 STMICROELECTRONICS-L6561 Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
L6561 STMICROELECTRONICS-L6561 Datasheet
180Kb / 13P
POWER FACTOR CORRECTOR
Jun-2004
L6561D STMICROELECTRONICS-L6561D Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
L6561D013TR STMICROELECTRONICS-L6561D013TR Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
logo
Intersil Corporation
L6562 INTERSIL-L6562 Datasheet
45Kb / 5P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
March 2001
More results

Similar Description - L6560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
POWER FACTOR CORRECTOR
Sep-1998
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
POWER FACTOR CORRECTOR
L8562 UTC-L8562 Datasheet
266Kb / 6P
POWER FACTOR CORRECTOR
logo
STMicroelectronics
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
POWER FACTOR CORRECTOR
Jun-2004
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
L6561 STMICROELECTRONICS-L6561 Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com