Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS16045 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS16045
Description  POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16045 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS16045 Datasheet HTML 1Page - STMicroelectronics STPS16045 Datasheet HTML 2Page - STMicroelectronics STPS16045 Datasheet HTML 3Page - STMicroelectronics STPS16045 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STPS16045TV
®
June 1999 - Ed: 3A
POWER SCHOTTKY RECTIFIER
IF(AV)
2 x 80 A
VRRM
45 V
Tj (max)
150 °C
VF (max)
0.69 V
MAIN PRODUCT CHARACTERISTICS
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
EXTREMELY FAST SWITCHING
LOW THERMAL RESISTANCE
INSULATED PACKAGE:
Insulating voltage = 2500 V(RMS)
Capacitance = 45 pF
FEATURES AND BENEFITS
Dual power Schottky rectifier suited for Switched
Mode Power Supplies and high frequency DC to
DC converters.
Packaged in ISOTOP, this device is especially in-
tended for use in low voltage, high frequency in-
verters, free wheeling and polarity protection
applications.
DESCRIPTION
ISOTOPTM
A1
K1
A2
K2
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
RMS forward current
125
A
IF(AV)
Average forward current
Tc = 75°C
δ = 0.5
Per diode
Per device
80
160
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
900
A
IRRM
Repetitive peak reverse current
tp = 2
µs square
F = 1kHz
2A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
5
A
Tstg
Storage temperature range
- 55 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values, per diode)
ISOTOP is a trademark of STMicroelectronics
* :
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/4


Similar Part No. - STPS16045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS16045TV STMICROELECTRONICS-STPS16045TV Datasheet
49Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
More results

Similar Description - STPS16045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com