Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6569D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6569D
Description  HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6569D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6569D Datasheet HTML 5Page - STMicroelectronics L6569D Datasheet HTML 6Page - STMicroelectronics L6569D Datasheet HTML 7Page - STMicroelectronics L6569D Datasheet HTML 8Page - STMicroelectronics L6569D Datasheet HTML 9Page - STMicroelectronics L6569D Datasheet HTML 10Page - STMicroelectronics L6569D Datasheet HTML 11Page - STMicroelectronics L6569D Datasheet HTML 12Page - STMicroelectronics L6569D Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
L6569 L6569A
Figure 10. Quiescent Current vs. Supply Voltage.
Figure 11. CFL Demoboard 110/220V Inputs.
02
46
8
10
12
14 VS(V)
10
102
103
104
Iq (
µA)
D96IN418
L1=2.4mH
L1=2.4mH core TH LCC E2006-B4 Ref also VOGH 575 0409200 2.4mH
C7-C8=PS8n2J H3 630-2A TH
D7
D4
D5
D6
R1 15 1W
C2
47
µF
250V
R8
120K
1/2W
R5 100K
C5
47
µF
250V
C3
4.7
µF
25V
D8
1N4148
D1
ZPD 18V
R4
27K
1/4W
C1
560pF
50V
220V
N
110V
R6 47 1/4W
R2 22 1/4W
1/4W
R3 22 1/4W
C4100nF 50V
D2
D3 BYW100-100
C9 470pF 630V
Q1
STD2NB50-1
Q2
STD2NB50-1
R7
180K
1/4W
C6
100nF
250V
C8
8.2nF
630V
C7
8.2nF
630V
CFL LAMP
SYLVANIA DELUX T/E 18W
R9
180K
1/4W
L6569
D96IN419B
VS
RF
CF
GND
LVG
OUT
HVG
BOOT
4 x 1N4006
1/2W
BYW100-100
R10 10K
RV1
PTC 150
350V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com