Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WINCS02IC Datasheet(PDF) 66 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 66 Page - Microchip Technology

Back Button WINCS02IC Datasheet HTML 62Page - Microchip Technology WINCS02IC Datasheet HTML 63Page - Microchip Technology WINCS02IC Datasheet HTML 64Page - Microchip Technology WINCS02IC Datasheet HTML 65Page - Microchip Technology WINCS02IC Datasheet HTML 66Page - Microchip Technology WINCS02IC Datasheet HTML 67Page - Microchip Technology WINCS02IC Datasheet HTML 68Page - Microchip Technology WINCS02IC Datasheet HTML 69Page - Microchip Technology WINCS02IC Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
WINCS02IC and WINCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 66
5.3.2
Conformity Assessment
From ETSI Guidance Note EG 203367, section 6.1, when non-radio products are combined with a
radio product:
If the manufacturer of the combined equipment installs the radio product in a host non-radio
product in equivalent assessment conditions (i.e. host equivalent to the one used for the
assessment of the radio product) and according to the installation instructions for the radio product,
then no additional assessment of the combined equipment against article 3.2 of the RED is required.
5.3.2.1 Simplified EU Declaration of Conformity
Hereby, Microchip Technology Inc. declares that the radio equipment type WINCS02PC/WINCS02PE/
WINCS02UC/WINCS02UE Modules are in compliance with Directive 2014/53/EU.
The full text of the EU declaration of conformity, for this product, is available at www.microchip.com/
design-centers/wireless-connectivity/.
5.3.3
Approved Antenna Types
For the WINCS02PC/PE, approval was received using the integral PCB antenna.
For the WINCS02UC/UE, approved antennas are listed in the WINCS02 Module Approved External
Antenna.
5.3.4
Helpful Websites
A document that can be used as a starting point in understanding the use of Short Range
Devices (SRD) in Europe is the European Radio Communications Committee (ERC) Recommendation
70-03 E, which can be downloaded from the European Communications Committee (ECC) at:
docdb.cept.org/.
Additional helpful web sites are:
• Radio Equipment Directive (2014/53/EU):
https://ec.europa.eu/growth/single-market/european-standards/harmonised-standards/red_en
• European Conference of Postal and Telecommunications Administrations (CEPT):
http://www.cept.org
• European Telecommunications Standards Institute (ETSI):
http://www.etsi.org
• The Radio Equipment Directive Compliance Association (REDCA):
http://www.redca.eu/
5.4
Japan
The WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Modules have received type certification and
is required to be labeled with its own technical conformity mark and certification number as
required to conform to the technical standards regulated by the Ministry of Internal Affairs and
Communications (MIC) of Japan pursuant to the Radio Act of Japan.
Integration of this module into a final product does not require additional radio certification
provided installation instructions are followed and no modifications of the module are allowed.
Additional testing may be required:
• If the host product is subject to electrical appliance safety (for example, powered from an AC
mains), the host product may require Product Safety Electrical Appliance and Material (PSE)
testing. The integrator should contact their conformance laboratory to determine if this testing is
required
• There is an voluntary Electromagnetic Compatibility (EMC) test for the host product administered
by VCCI: www.vcci.jp/vcci_e/index.html



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com