Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HV9989 Datasheet(PDF) 10 Page - Microchip Technology

Part # HV9989
Description  Three-Channel CCM/DCM Boost LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9989 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HV9989 Datasheet HTML 6Page - Microchip Technology HV9989 Datasheet HTML 7Page - Microchip Technology HV9989 Datasheet HTML 8Page - Microchip Technology HV9989 Datasheet HTML 9Page - Microchip Technology HV9989 Datasheet HTML 10Page - Microchip Technology HV9989 Datasheet HTML 11Page - Microchip Technology HV9989 Datasheet HTML 12Page - Microchip Technology HV9989 Datasheet HTML 13Page - Microchip Technology HV9989 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
HV9989
DS20005296C-page 10
2014-2026 Microchip Technology Inc. and its subsidiaries
In the HV9989, however, this problem is overcome by
keeping the boost converter ON, even though PWMD
has gone to zero to ensure enough power is delivered
to the output.
Thus, the amplifier still has control over the LED current
and the LED current will be in regulation as shown in
Figure 3-3.
FIGURE 3-3:
PWM DIMMING WITH
DIMMING ON-TIME EQUAL
TO ONE SWITCHING TIME
PERIOD WITH HV9989
Note that the GATE output is not limited by its maxi-
mum duty cycle, DMAX, past the PWMD signal trailing
edge. The gate is kept on until the corresponding CS
reference is met by IINDUCTOR.
When the PWM signal is high, the GATE and FLT pins
are enabled and the output of the transconductance op
amp is connected to the external compensation net-
work. Thus, the internal amplifier controls the output
current. When the PWMD signal goes low, the output of
the transconductance amplifier is disconnected from
the compensation network. Thus, the integrating
capacitor maintains the voltage across it. The FLT pin
goes low, turning off the disconnect switch. However,
the boost FET is kept running.
Note that disconnecting the LED load during PWM dim-
ming causes the energy stored in the inductor to be
dumped into the output capacitor. The chosen filter
capacitor should be large enough so that it can absorb
the inductor energy without a significant change of the
voltage across it. If the capacitor voltage change is sig-
nificant, it would cause a turn-on spike in the inductor
current when PWMD goes high.
3.9
SKIP Timer Logic
During the Power-on Reset (POR) state upon startup,
both GATE and FLT outputs are disabled. The COMP
pins and the SKIP pin are pulled to GND.
When an output over-current condition is detected in
any individual channel, the corresponding GATE and
FLT outputs are disabled, and the corresponding
COMP output is pulled to GND. The remaining channel
GATE, FLT and COMP outputs are not affected. The
SKIP pin is pulled to GND. If pulling FLT low clears the
over-current condition in the faulty channel, and once
the voltage at the SKIP pin falls below 1.0V, the capac-
itor at the SKIP pin is released and is charged slowly by
a 10 μA current source. Once the capacitor is charged
to 5.0V, the COMP pins are released and GATE and
FLT pins are allowed to turn on. If the hiccup time is
long enough, it will ensure that the compensation net-
works are all completely discharged and that the
converters start at minimum duty cycle.
If, during the charging phase of the SKIP output, an
over-current condition is detected in another channel,
the SKIP pin is pulled to GND again, and the ramp
starts over. All faulty channels make an attempt to
recover at the same time when the FLT capacitor is
charged to 5.0V. Operation of other “good” channel(s)
is not affected by the SKIP pin status.
The hiccup timing capacitor can be programmed as:
FIGURE 3-4:
DEEP PWM DIMMING PERFORMANCE: LED CURRENT MAINTAINED IN REGULATION
PWMD
I
LED
I
INDUCTOR
I
O(SS)
I
L(SS)
CRAMP
10A tHICCUP
4V
-----------------------------------------
=
400ns
Dimming Input
Inductor Current
LED Current
6.5µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com