Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC7448 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC7448
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7448 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC7448 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
16
Freescale Semiconductor
Electrical and Thermal Characteristics
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0:5] settings must be chosen such that the resulting SYSCLK (bus)
frequency, processor core frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum
operating frequencies. Refer to the PLL_CFG[0:5] signal description in Section 9.1.1, “PLL Configuration,” for valid
PLL_CFG[0:5] settings.
2. Actual maximum system bus frequency is system-dependent. See Section 5.2.1, “Clock AC Specifications.”
3. Rise and fall times for the SYSCLK input measured from 0.4 to 1.4 V
4. Timing is guaranteed by design and characterization.
5. Guaranteed by design
6. The SYSCLK driver’s closed loop jitter bandwidth should be less than 1.5 MHz at –3 dB.
7. Relock timing is guaranteed by design and characterization. PLL-relock time is the maximum amount of time required for PLL
lock after a stable VDD and SYSCLK are reached during the power-on reset sequence. This specification also applies when
the PLL has been disabled and subsequently re-enabled during sleep mode. Also note that HRESET must be held asserted
for a minimum of 255 bus clocks after the PLL-relock time during the power-on reset sequence.
8. This reflects the maximum and minimum core frequencies when the dynamic frequency switching feature (DFS) is disabled.
fcore_DFS provides the maximum and minimum core frequencies when operating in a DFS mode.
9.This specification supports the Dynamic Frequency Switching (DFS) feature and is applicable only when one of the DFS modes
(divide-by-2 or divide-by-4) is enabled. When DFS is disabled, the core frequency must conform to the maximum and minimum
frequencies stated for fcore.
10.Use of the DFS feature does not affect VCO frequency.
Table 8. Clock AC Timing Specifications
At recommended operating conditions. See Table 4.
Characteristic
Symbol
Maximum Processor Core Frequency (Speed Grade)
Unit
Notes
1000 MHz
1420 MHz
1600 MHz
1700 MHz
Min
Max
Min
Max
Min
Max
Min
Max
Processor
core
frequency
DFS mode disabled
fcore
600
1000
600
1420
600
1600
600
1700
MHz
1, 8
DFS mode enabled
fcore_DF
300
500
300
710
300
800
300
850
9
VCO frequency
fVCO
600
1000
600
1420
600
800
600
1700
MHz
1, 10
SYSCLK frequency
fSYSCLK
33
200
33
200
33
200
33
200
MHz
1, 2, 8
SYSCLK cycle time
tSYSCLK
5.0
30
5.0
30
5.0
30
5.0
30
ns
2
SYSCLK rise and fall time
tKR, tKF
—0.5
—0.5
—0.5
—0.5
ns
3
SYSCLK duty cycle measured at
OVDD/2
tKHKL/
tSYSCLK
40
60
40
60
40
60
40
60
%
4
SYSCLK cycle-to-cycle jitter
150
150
150
150
ps
5, 6
Internal PLL relock time
100
100
100
100
μs7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com